Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F437IPZ Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F437IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F437IPZ Datasheet(HTML) 47 Page - Texas Instruments

Back Button MSP430F437IPZ Datasheet HTML 43Page - Texas Instruments MSP430F437IPZ Datasheet HTML 44Page - Texas Instruments MSP430F437IPZ Datasheet HTML 45Page - Texas Instruments MSP430F437IPZ Datasheet HTML 46Page - Texas Instruments MSP430F437IPZ Datasheet HTML 47Page - Texas Instruments MSP430F437IPZ Datasheet HTML 48Page - Texas Instruments MSP430F437IPZ Datasheet HTML 49Page - Texas Instruments MSP430F437IPZ Datasheet HTML 50Page - Texas Instruments MSP430F437IPZ Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
47
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
peripheral file map (continued)
PERIPHERALS WITH BYTE ACCESS
LCD
LCD memory 20
:
LCD memory 16
LCD memory 15
:
LCD memory 1
LCD control and mode
LCDM20
:
LCDM16
LCDM15
:
LCDM1
LCDCTL
0A4h
:
0A0h
09Fh
:
091h
090h
UART1
Transmit buffer
UTXBUF1
07Fh
(Only in ‘x44x)
Receive buffer
URXBUF1
07Eh
Baud rate
UBR11
07Dh
Baud rate
UBR01
07Ch
Modulation control
UMCTL1
07Bh
Receive control
URCTL1
07Ah
Transmit control
UTCTL1
079h
UART control
UCTL1
078h
UART0
Transmit buffer
UTXBUF0
077h
Receive buffer
URXBUF0
076h
Baud rate
UBR10
075h
Baud rate
UBR00
074h
Modulation control
UMCTL0
073h
Receive control
URCTL0
072h
Transmit control
UTCTL0
071h
UART control
UCTL0
070h
Comparator_A
Comp._A port disable
CAPD
05Bh
p
_
Comp._A control2
CACTL2
05Ah
Comp._A control1
CACTL1
059h
BrownOUT, SVS
SVS control register (Reset by brownout signal)
SVSCTL
056h
System clock FLL+
FLL+ Control1
FLL+CTL1
054h
y
FLL+ Control0
FLL+CTL0
053h
System clock frequency control
SCFQCTL
052h
System clock frequency integrator
SCFI1
051h
System clock frequency integrator
SCFI0
050h
Basic Timer1
BT counter2
BT counter1
BT control
BTCNT2
BTCNT1
BTCTL
047h
046h
040h
Port P6
Port P6 selection
P6SEL
037h
Port P6 direction
P6DIR
036h
Port P6 output
P6OUT
035h
Port P6 input
P6IN
034h
Port P5
Port P5 selection
P5SEL
033h
Port P5 direction
P5DIR
032h
Port P5 output
P5OUT
031h
Port P5 input
P5IN
030h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com