Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F437IPZ Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F437IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F437IPZ Datasheet(HTML) 56 Page - Texas Instruments

Back Button MSP430F437IPZ Datasheet HTML 52Page - Texas Instruments MSP430F437IPZ Datasheet HTML 53Page - Texas Instruments MSP430F437IPZ Datasheet HTML 54Page - Texas Instruments MSP430F437IPZ Datasheet HTML 55Page - Texas Instruments MSP430F437IPZ Datasheet HTML 56Page - Texas Instruments MSP430F437IPZ Datasheet HTML 57Page - Texas Instruments MSP430F437IPZ Datasheet HTML 58Page - Texas Instruments MSP430F437IPZ Datasheet HTML 59Page - Texas Instruments MSP430F437IPZ Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
56
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
typical characteristics
TA – Free-Air Temperature – °C
400
450
500
550
600
650
–45
–25
–51535557595
VCC = 3 V
Figure 13. V(RefVT) vs Temperature
Typical
REFERENCE VOLTAGE
vs
FREE-AIR TEMPERATURE
Figure 14. V(RefVT) vs Temperature
TA – Free-Air Temperature – °C
400
450
500
550
600
650
–45
–25
–51535557595
VCC = 2.2 V
Typical
REFERENCE VOLTAGE
vs
FREE-AIR TEMPERATURE
_
+
CAON
0
1
V+
0
1
CAF
Low-Pass Filter
τ ≈ 2 µs
To Internal
Modules
Set CAIFG
Flag
CAOUT
V–
VCC
1
0 V
0
Figure 15. Block Diagram of Comparator_A Module
Overdrive
VCAOUT
t(response)
V+
V–
400 mV
Figure 16. Overdrive Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com