Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F437IPZ Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F437IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F437IPZ Datasheet(HTML) 45 Page - Texas Instruments

Back Button MSP430F437IPZ Datasheet HTML 41Page - Texas Instruments MSP430F437IPZ Datasheet HTML 42Page - Texas Instruments MSP430F437IPZ Datasheet HTML 43Page - Texas Instruments MSP430F437IPZ Datasheet HTML 44Page - Texas Instruments MSP430F437IPZ Datasheet HTML 45Page - Texas Instruments MSP430F437IPZ Datasheet HTML 46Page - Texas Instruments MSP430F437IPZ Datasheet HTML 47Page - Texas Instruments MSP430F437IPZ Datasheet HTML 48Page - Texas Instruments MSP430F437IPZ Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
45
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
peripheral file map
PERIPHERALS WITH WORD ACCESS
Watchdog
Watchdog Timer control
WDTCTL
0120h
Timer_B7
Capture/compare register 6
CCR6
019Eh
_
Timer_B3
(see Note 6)
Capture/compare register 5
CCR5
019Ch
(see Note 6)
Capture/compare register 4
CCR4
019Ah
Capture/compare register 3
CCR3
0198h
Capture/compare register 2
CCR2
0196h
Capture/compare register 1
CCR1
0194h
Capture/compare register 0
CCR0
0192h
Timer_B register
TBR
0190h
Capture/compare control 6
CCTL6
018Eh
Capture/compare control 5
CCTL5
018Ch
Capture/compare control 4
CCTL4
018Ah
Capture/compare control 3
CCTL3
0188h
Capture/compare control 2
CCTL2
0186h
Capture/compare control 1
CCTL1
0184h
Capture/compare control 0
CCTL0
0182h
Timer_B control
TBCTL
0180h
Timer_B interrupt vector
TBIV
011Eh
Timer_A3
Reserved
017Eh
_
Reserved
017Ch
Reserved
017Ah
Reserved
0178h
Capture/compare register 2
CCR2
0176h
Capture/compare register 1
CCR1
0174h
Capture/compare register 0
CCR0
0172h
Timer_A register
TAR
0170h
Reserved
016Eh
Reserved
016Ch
Reserved
016Ah
Reserved
0168h
Capture/compare control 2
CCTL2
0166h
Capture/compare control 1
CCTL1
0164h
Capture/compare control 0
CCTL0
0162h
Timer_A control
TACTL
0160h
Timer_A interrupt vector
TAIV
012Eh
Multiply
Sum extend
SumExt
013Eh
py
In MSP430x44x
only
Result high word
ResHi
013Ch
only
Result low word
ResLo
013Ah
Second operand
OP_2
0138h
Multiply signed + accumulate/operand1
MACS
0136h
Multiply + accumulate/operand1
MAC
0134h
Multiply signed/operand1
MPYS
0132h
Multiply unsigned/operand1
MPY
0130h
NOTE 6: Timer_B7 in the MSP430x44x family has seven CCRs; Timer_B3 in the MSP430x43x family has three CCRs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com