Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F437IPZ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F437IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F437IPZ Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F437IPZ Datasheet HTML 1Page - Texas Instruments MSP430F437IPZ Datasheet HTML 2Page - Texas Instruments MSP430F437IPZ Datasheet HTML 3Page - Texas Instruments MSP430F437IPZ Datasheet HTML 4Page - Texas Instruments MSP430F437IPZ Datasheet HTML 5Page - Texas Instruments MSP430F437IPZ Datasheet HTML 6Page - Texas Instruments MSP430F437IPZ Datasheet HTML 7Page - Texas Instruments MSP430F437IPZ Datasheet HTML 8Page - Texas Instruments MSP430F437IPZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Supply-Voltage Range, 1.8 V to 3.6 V
D Ultralow-Power Consumption:
– Active Mode: 280
µA at 1 MHz, 2.2 V
– Standby Mode: 1.1
µA
– Off Mode (RAM Retention): 0.1
µA
D Five Power Saving Modes
D Wake-Up From Standby Mode in 6 µs
D 16-Bit RISC Architecture,
125-ns Instruction Cycle Time
D 12-Bit A/D Converter With Internal
Reference, Sample-and-Hold and Autoscan
Feature
D 16-Bit Timer With Three† or Seven‡
Capture/Compare-With-Shadow Registers,
Timer_B
D 16-Bit Timer With Three Capture/Compare
Registers, Timer_A
D On-Chip Comparator
D Serial Communication Interface (USART),
Select Asynchronous UART or
Synchronous SPI by Software;
Two USARTs (USART0, USART1) In
MSP430x44x Devices
One USART (USART0) In MSP430x43x
Devices
D Brownout Detector
D Supply Voltage Supervisor/Monitor With
Programmable Level Detection
D Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by Security
Fuse
D Integrated LCD Driver for Up to
160 Segments
D Family Members Include:
– MSP430F435:
16KB+256B Flash Memory,
512B RAM
– MSP430F436:
24KB+256B Flash Memory,
1KB RAM
– MSP430F437:
32KB+256B Flash Memory,
1KB RAM
– MSP430F447:
32KB+256B Flash Memory,
1KB RAM
– MSP430F448:
48KB+256B Flash Memory,
2KB RAM
– MSP430F449:
60KB+256B Flash Memory,
2KB RAM
D For Complete Module Descriptions, See
The MSP430x4xx Family User’s Guide,
Literature Number SLAU056
† ’F435, ’F436, and ’F437 devices
‡ ’F447, ’F448, and ’F449 devices
description
The Texas Instruments MSP430 series is an ultralow-power microcontroller family consisting of several devices
featuring different sets of modules targeted to various applications. The microcontroller is designed to be battery
operated for use in extended-time applications. The MSP430 achieves maximum code efficiency with its 16-bit
RISC architecture, 16-bit CPU-integrated registers, and a constant generator. The digitally-controlled oscillator
provides wake-up from low-power mode to active mode in less than 6
µs. The MSP430x43x and the
MSP430x44x series are microcontroller configurations with two built-in 16-bit timers, a fast 12-bit A/D converter,
one or two universal serial synchronous/asynchronous communication interfaces (USART), 48 I/O pins, and
a liquid crystal driver (LCD) with up to 160 segments.
Typical applications include sensor systems that capture analog signals, convert them to digital values, and
process and transmit the data to a host system, or process this data and displays it on a LCD panel. The timers
make the configurations ideal for industrial control applications such as ripple counters, digital motor control,
EE-meters, hand-held meters, etc. The hardware multiplier enhances the performance and offers a broad code
and hardware-compatible family solution.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - MSP430F437IPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F437IPZ TI-MSP430F437IPZ Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F437IPZ TI-MSP430F437IPZ Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F437IPZ TI-MSP430F437IPZ Datasheet
1Mb / 79P
MIXED SIGNAL MICROCONTROLLER
MSP430F437IPZ TI1-MSP430F437IPZ Datasheet
1Mb / 82P
MIXED SIGNAL MICROCONTROLLER
MSP430F437IPZ TI2-MSP430F437IPZ Datasheet
1Mb / 89P
MIXED SIGNAL MICROCONTROLLER
REVISED OCTOBER 2009
More results

Similar Description - MSP430F437IPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com