Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F437IPZ Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F437IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F437IPZ Datasheet(HTML) 20 Page - Texas Instruments

Back Button MSP430F437IPZ Datasheet HTML 16Page - Texas Instruments MSP430F437IPZ Datasheet HTML 17Page - Texas Instruments MSP430F437IPZ Datasheet HTML 18Page - Texas Instruments MSP430F437IPZ Datasheet HTML 19Page - Texas Instruments MSP430F437IPZ Datasheet HTML 20Page - Texas Instruments MSP430F437IPZ Datasheet HTML 21Page - Texas Instruments MSP430F437IPZ Datasheet HTML 22Page - Texas Instruments MSP430F437IPZ Datasheet HTML 23Page - Texas Instruments MSP430F437IPZ Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
flash memory (continued)
D During program or erase, no code can be executed from flash memory and all interrupts must be disabled
by setting the GIE, NMIIE, ACCVIE, and OFIE bits to zero. If a user program requires execution concurrent
with a flash program or erase operation, the program must be executed from memory other than the flash
memory (e.g., boot ROM, RAM). In the event a flash program or erase operation is initiated while the
program counter is pointing to the flash memory, the CPU will execute JMP $ instructions until the flash
program or erase operation is completed. Normal execution of the previously running software then
resumes.
D Unprogrammed, new devices may have some bytes programmed in the information memory (needed for
test during manufacturing). The user should perform an erase of the information memory prior to the first
use.
Segment 0
w/ Interrupt Vectors
Segment 1
Segment 2
Segment n-1
Segment n
Segment A
Segment B
Main
Memory
Information
Memory
24KB
0FFFFh
0FE00h
0FDFFh
0FC00h
0FBFFh
0FA00h
0F9FFh
16KB
0FFFFh
0FE00h
0FDFFh
0FC00h
0FBFFh
0FA00h
0F9FFh
32KB
0FFFFh
0FE00h
0FDFFh
0FC00h
0FBFFh
0FA00h
0F9FFh
48KB
0FFFFh
0FE00h
0FDFFh
0FC00h
0FBFFh
0FA00h
0F9FFh
60KB
0FFFFh
0FE00h
0FDFFh
0FC00h
0FBFFh
0FA00h
0F9FFh
0A400h
0A3FFh
0A200h
0A1FFh
0A000h
010FFh
01080h
0107Fh
01000h
0C400h
0C3FFh
0C200h
0C1FFh
0C000h
010FFh
01080h
0107Fh
01000h
08400h
083FFh
08200h
081FFh
08000h
010FFh
01080h
0107Fh
01000h
04400h
043FFh
04200h
041FFh
04000h
010FFh
01080h
0107Fh
01000h
01400h
013FFh
01200h
011FFh
01100h
010FFh
01080h
0107Fh
01000h
flash memory, control register FCTL1, FCTL2, and FCTL3
All control bits are reset during PUC. PUC is active after VCC is applied, a reset condition is applied to the
RST/NMI pin or the Watchdog Timer expires, a watchdog access violation occurs, or an improper flash operation
has been performed. Any write to control register FCTL1 during erase, mass erase, or write (programming) ends
in an access violation with ACCVIFG=1. In an active segment write mode the control register may be written
if wait mode is active (WAIT=1). Read access is possible at any time without restrictions.
The control bits of control register FCTL1 hold all bits that apply write (programming) or erase modes. Writing
to the control register requires key word 0A5H in the high-byte. Any other data there generates a power-up clear
(PUC) which resets the controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com