Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7101CVF Datasheet(PDF) 33 Page - Motorola, Inc

Part # MAC7101CVF
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7101CVF Datasheet(HTML) 33 Page - Motorola, Inc

Back Button MAC7101CVF Datasheet HTML 29Page - Motorola, Inc MAC7101CVF Datasheet HTML 30Page - Motorola, Inc MAC7101CVF Datasheet HTML 31Page - Motorola, Inc MAC7101CVF Datasheet HTML 32Page - Motorola, Inc MAC7101CVF Datasheet HTML 33Page - Motorola, Inc MAC7101CVF Datasheet HTML 34Page - Motorola, Inc MAC7101CVF Datasheet HTML 35Page - Motorola, Inc MAC7101CVF Datasheet HTML 36Page - Motorola, Inc MAC7101CVF Datasheet HTML 37Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
33
MAC7100 Microcontroller Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Electrical Characteristics
3.12 FlexCAN Electrical Specifications
3.13 Program Flash and Data Flash Timing
Characteristics
NOTE
Unless otherwise noted the abbreviation NVM (Non-Volatile Memory) is
used for both program Flash and data Flash.
3.13.1 NVM timing
The time base for all NVM program or erase operations is derived from the system clock divided by two
(Fsys/2). A minimum system frequency fNVMfsys is required for performing program or erase operations.
The NVM modules do not have any means to monitor the frequency and will not prevent program or erase
operation at frequencies above or below the specified minimum. Attempting to program or erase the NVM
modules at a lower frequency a full program or erase transition is not assured.
The Flash and Data Flash program and erase operations are timed using a clock derived from the system
frequency using the CFMCLKD register. The frequency of this clock must be set within the limits specified
as fNVMOP. The minimum program and erase times shown in Table 36 are calculated for maximum fNVMOP
and maximum fbus. The maximum times are calculated for minimum fNVMOP and a fbus of 2 MHz.
3.13.1.1 Single Word Programming
The programming time for single word programming is dependant on the bus frequency as a well as on the
frequency fNVMOP and can be calculated according to the following formula.
3.13.1.2 Burst Programming
This applies only to the Flash where up to 32 words in a row can be programmed consecutively using burst
programming by keeping the command pipeline filled. The time to program a consecutive word can be
calculated as:
The time to program a whole row is:
Burst programming is more than 2 times faster than single word programming.
Table 35. FlexCAN Wake-up Pulse Characteristics
Conditions are shown in Table 6 unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
Y1
P FlexCAN Wake-up dominant pulse filtered
tWUP
——
2
µs
Y2
P FlexCAN Wake-up dominant pulse passed
tWUP
5—
—
µs
tswpgm
9
1
fNVMOP
------------------
⋅
25
1
fbus
---------
⋅
+
=
tbwpgm
4
1
fNVMOP
------------------
⋅
9
1
fbus
---------
⋅
+
=
tbrpgm
tswpgm 31 tbwpgm
⋅
+
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com