Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7101CVF Datasheet(PDF) 25 Page - Motorola, Inc

Part # MAC7101CVF
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7101CVF Datasheet(HTML) 25 Page - Motorola, Inc

Back Button MAC7101CVF Datasheet HTML 21Page - Motorola, Inc MAC7101CVF Datasheet HTML 22Page - Motorola, Inc MAC7101CVF Datasheet HTML 23Page - Motorola, Inc MAC7101CVF Datasheet HTML 24Page - Motorola, Inc MAC7101CVF Datasheet HTML 25Page - Motorola, Inc MAC7101CVF Datasheet HTML 26Page - Motorola, Inc MAC7101CVF Datasheet HTML 27Page - Motorola, Inc MAC7101CVF Datasheet HTML 28Page - Motorola, Inc MAC7101CVF Datasheet HTML 29Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
25
MAC7100 Microcontroller Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Electrical Characteristics
3.10.2 ATD Accuracy
Table 27 and Table 28 specify the ATD conversion performance excluding any errors due to current
injection, input capacitance and source resistance.
For the following definitions see also Figure 8.
Differential Non-Linearity (DNL) is defined as the difference between two adjacent switching steps.
The Integral Non-Linearity (INL) is defined as the sum of all DNLs:
Table 27. ATD Conversion Performance in 5 V Range
Conditions shown in Table 6 unless otherwise noted.
VREF = VRH – VRL = 5.12 V, resulting in one 8 bit count = 20 mV and one 10 bit count = 5 mV
fATDCLK = 2.0 MHz, 4.5 V ≤ VDDA ≤ 5.5 V
Num C
Rating
Symbol
Min
Typ
Max
Unit
Q1
P 10-bit Resolution
LSB
—
5
—
mV
Q2
P 10-bit Differential Nonlinearity
DNL
–1
—
1
Counts
Q3
P 10-bit Integral Nonlinearity
INL
–2.5
±1.5
2.5
Counts
Q4
P 10-bit Absolute Error 1
1 These values include the quantization error which is inherently 1/2 count for any A/D converter.
AE
–3
±2.0
3
Counts
Q5
P 8-bit Resolution
LSB
—
20
—
mV
Q6
P 8-bit Differential Nonlinearity
DNL
–0.5
—
0.5
Counts
Q7
P 8-bit Integral Nonlinearity
INL
–1.0
±0.5
1.0
Counts
Q8
P 8-bit Absolute Error 1
AE
–1.5
±1.0
1.5
Counts
Table 28. ATD Conversion Performance in 3.3 V Range
Conditions shown in Table 6 unless otherwise noted.
VREF = VRH – VRL = 5.12 V, resulting in one 8 bit count = 20 mV and one 10 bit count = 5 mV
fATDCLK = 2.0 MHz, 4.5 V ≤ VDDA ≤ 5.5 V
Num C
Rating
Symbol
Min
Typ
Max
Unit
R1
P 10-bit Resolution
LSB
—
3.25
—
mV
R2
P 10-bit Differential Nonlinearity
DNL
–1.5
—
1.5
Counts
R3
P 10-bit Integral Nonlinearity
INL
–3.5
±1.5
3.5
Counts
R4
P 10-bit Absolute Error 1
1 These values include the quantization error which is inherently 1/2 count for any A/D converter.
AE
–5
±2.0
5
Counts
R5
P 8-bit Resolution
LSB
—
13
—
mV
R6
P 8-bit Differential Nonlinearity
DNL
–0.5
—
0.5
Counts
R7
P 8-bit Integral Nonlinearity
INL
–1.5
±1.0
1.5
Counts
R8
P 8-bit Absolute Error 1
AE
–1.5
±1.0
1.5
Counts
DNL i
()
Vi Vi1
–
–
1 LSB
----------------------- 1
–
=
INL n
()
DNL i
()
i1
=
n
∑
Vn V0
–
1 LSB
------------------- n
–
==
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com