Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7101CVF Datasheet(PDF) 20 Page - Motorola, Inc

Part # MAC7101CVF
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7101CVF Datasheet(HTML) 20 Page - Motorola, Inc

Back Button MAC7101CVF Datasheet HTML 16Page - Motorola, Inc MAC7101CVF Datasheet HTML 17Page - Motorola, Inc MAC7101CVF Datasheet HTML 18Page - Motorola, Inc MAC7101CVF Datasheet HTML 19Page - Motorola, Inc MAC7101CVF Datasheet HTML 20Page - Motorola, Inc MAC7101CVF Datasheet HTML 21Page - Motorola, Inc MAC7101CVF Datasheet HTML 22Page - Motorola, Inc MAC7101CVF Datasheet HTML 23Page - Motorola, Inc MAC7101CVF Datasheet HTML 24Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
20
MAC7100 Microcontroller Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Electrical Characteristics
3.9.1
Read and Write Bus Cycles
Table 23 lists processor bus output timings. Read/write bus timings listed in Table 23 are shown in Figure 7
and Figure 8.
Table 23. External Bus Output Timing Specifications
Num
C
Rating
Symbol
Min
Max
Unit
Control Outputs
L6a
CLKOUT high to chip selects valid 1
1
CSn transitions after the falling edge of CLKOUT.
tCHCV
—0.5tCYC + 10
ns
L6b
CLKOUT high to byte select (BS[1:0]) valid 2
2
BSn transitions after the falling edge of CLKOUT.
tCHBV
—0.5tCYC + 10
ns
L6c
CLKOUT high to output select (OE) valid 3
3
OE transitions after the falling edge of CLKOUT.
tCHOV
—0.5tCYC + 10
ns
L7a
CLKOUT high to control output (BS[1:0], OE) invalid
tCHCOI 0.5tCYC + 2
—
ns
L7b
CLKOUT high to chip selects invalid
tCHCI
0.5tCYC + 2
—
ns
Address and Attribute Outputs
L8
CLKOUT high to address (ADDR[21:0]) and control
(R/W) valid
tCHAV
—10
ns
L9
CLKOUT high to address (ADDR[21:0]) and control
(R/W) invalid
tCHAI
2—
ns
Data Outputs
L10
CLKOUT high to data output (DATA[15:0]) valid
tCHDOV
—13
ns
L11
CLKOUT high to data output (DATA[15:0]) invalid
tCHDOI
2—
ns
L12
CLKOUT high to data output (DATA[15:0]) high impedance
tCHDOZ
—9
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com