Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7101CVF Datasheet(PDF) 28 Page - Motorola, Inc

Part # MAC7101CVF
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7101CVF Datasheet(HTML) 28 Page - Motorola, Inc

Back Button MAC7101CVF Datasheet HTML 24Page - Motorola, Inc MAC7101CVF Datasheet HTML 25Page - Motorola, Inc MAC7101CVF Datasheet HTML 26Page - Motorola, Inc MAC7101CVF Datasheet HTML 27Page - Motorola, Inc MAC7101CVF Datasheet HTML 28Page - Motorola, Inc MAC7101CVF Datasheet HTML 29Page - Motorola, Inc MAC7101CVF Datasheet HTML 30Page - Motorola, Inc MAC7101CVF Datasheet HTML 31Page - Motorola, Inc MAC7101CVF Datasheet HTML 32Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
28
MAC7100 Microcontroller Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Electrical Characteristics
3.10.4 ATD Timing Specifications
6 Maximum leakage occurs at maximum operating temperature. Current decreases by approximately one-half for
each 8 to 12
°C, in the ambient temperature range of 50 to 125 °C.
7 Below disruptive current conditions, the channel being stressed has conversion values of 0x3FF for analog inputs
greater than VRH and 0x000 for values less than VRL. This assumes that VDDA ≥ AVRH and VRL ≥ VSSA due to the
presence of the sample amplifier. Other channels are not affected by non-disruptive conditions.
8 Coupling Ratio, K, is defined as the ratio of the output current, IOUT, measured on the pin under test to the injection
current, IINJ, when both adjacent pins are overstressed with the specified injection current. K = IOUT ÷ IINJ. The input
voltage error on the channel under test is calculated as Verr = IINJ x K x RS.
9 Total injection current is determined by the number of channels injecting (for example, 15), external injection voltage
(VINJ –VPOSCLAMP, or VINJ – VNEGCLAMP), and the external source impedance, Rs, wherein all input channels have
the same values. To determine the error voltage on the converted channel, only the two adjacent channels are
expected to contribute to the error voltage: Verrj = (VINJ – VCLAMP) × K × 2.
10 For a maximum sampling error of the input voltage ≤ 1LSB, then the external filter capacitor, Cf ≥ 1024 × CSAMP. The
value of CSAMP in the new design may be reduced, or increased slightly.
Table 30. ATD Performance Specifications 1
1 All voltages referred to VSSA, VDDA = 5.0 V±10%, ATD clock = 2.1 Mhz., –40 to 125 °C.
Num C
Rating
Symbol
Min
Typ
Max
Unit
T1
D 10-bit Resolution
LSB
—
5
—
mV
T2
D 10-bit Differential Nonlinearity 2
2 Note: 1 LSB = 1 Count (At VREF = 5.12 V, one 8 bit count = 20 mV, one 10-bit count = 5 mV)
DNL
–1
—
1
Counts
T3
D 10-bit Integral Nonlinearity 2
INL
–2
—
2
Counts
T4
D 10-bit Absolute Error 2, 3
3 These values include quantization error which is inherently 1/2 count for any A/D converter.
AE
–2.5
—
2.5
Counts
T5
D Max input Source Impedance 4
4 This value is based on error attributed to the specified leakage value of TBD nA resulting in an error of less than 1/2
LSB (2.5 mV). If operating conditions are less than worst case or leakage-induced error is acceptable, larger values
of source resistance is allowable.
RS
—
—
100
k
Ω
Table 31. ATD Timing Specifications
Num C
Rating
Symbol
Min
Typ
Max
Unit
U1
D ATD Module Clock Frequency
Fclk
——
25.0
MHz
U2
D ATD Conversion Clock Frequency
Fatdclk
0.5
—
2.0
MHz
U3
D ATD 10-bit Conversion Period*
Clock Cycles
Conv. Time
NCONV10*
TCONV10
14*
7
—
—
28*
14
Cycles*
µsec
U4
D Stop Recovery Time (VDDA = 5.0 V)
TSR
——
100
µsec
Table 32. ATD External Trigger Timing Specifications
Num
C
Parameter
Symbol
Min
Max
Unit
V1
D ETRIG Minimum Period
TPERIOD
—1 sample +
1 conv. +
1 ATD clock
CYCLE
V2
D ETRIG Minimum Pulse Width
tPW
2
—
SYS CLK
V3
D ETRIG Level Recovery 1
1 Time prior to end of conversion that the ETRIG pin must be deactivated so that another conversion sequence does
not start.
tLR
1
—
SYS CLK
V4
D Conversion Start Delay
tDLY
—
2
SYS CLK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com