Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7101CVF Datasheet(PDF) 23 Page - Motorola, Inc

Part # MAC7101CVF
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7101CVF Datasheet(HTML) 23 Page - Motorola, Inc

Back Button MAC7101CVF Datasheet HTML 19Page - Motorola, Inc MAC7101CVF Datasheet HTML 20Page - Motorola, Inc MAC7101CVF Datasheet HTML 21Page - Motorola, Inc MAC7101CVF Datasheet HTML 22Page - Motorola, Inc MAC7101CVF Datasheet HTML 23Page - Motorola, Inc MAC7101CVF Datasheet HTML 24Page - Motorola, Inc MAC7101CVF Datasheet HTML 25Page - Motorola, Inc MAC7101CVF Datasheet HTML 26Page - Motorola, Inc MAC7101CVF Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
23
MAC7100 Microcontroller Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Electrical Characteristics
3.10 Analog-to-Digital Converter Characteristics
Table 24 and Table 25 show conditions under which the ATD operates. The following constraints exist to
obtain full-scale, full range results: VSSA ≤ VRL ≤ VIN ≤ VRH ≤ VDDA. This constraint exists because the
sample buffer amplifier cannot drive beyond the ATD power supply levels. If the input level goes outside
of this range it will effectively be clipped.
3.10.1 Factors Influencing Accuracy
Three factors — source resistance, source capacitance and current injection — have an influence on the
accuracy of the ATD.
Table 24. ATD Operating Characteristics in 5 V Range
Conditions shown in Table 6 unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
M1
D Reference Potential
Low
High
VRL
VRH
VSSA
VDDA ÷ 2
—
—
VDDA ÷ 2
VDDA
V
V
M2
C Differential Reference Voltage 1
1 Full accuracy is not guaranteed when differential voltage is less than 4.50 V
VRH – VRL
4.50
5.00
5.25
V
M3
D ATD Clock Frequency
fATDCLK
0.5
—
2.0
MHz
M4
D ATD 10-bit Conversion PeriodClock Cycles 2
@ 2.0MHz fATDCLK
2 Minimum time assumes final sample period of 2 ATD clocks; maximum time assumes final sample period of 16 ATD clocks.
NCONV10
TCONV10
14
7
—
—
28
14
Cycles
µs
M5
D ATD 8-bit Conversion PeriodClock Cycles 2
@ 2.0MHz fATDCLK
NCONV8
TCONV8
12
6
—
—
26
13
Cycles
µs
M6
D Recovery Time (VDDA = 5.0 V)
tREC
——
20
µs
M7
P Reference Supply current 1 ATD module enabled
IREF
——
0.375
mA
M8
P Reference Supply current 2 ATD modules enabled
IREF
——
0.750
mA
Table 25. ATD Operating Characteristics in 3.3 V Range
Conditions shown in Table 6, with VDDX = 3.3 V ±10% and a temperature maximum of +140°C unless otherwise noted.
Num C
Rating
Symbol
Min
Typ
Max
Unit
N1
D Reference Potential
Low
High
VRL
VRH
VSSA
VDDA ÷ 2
—
—
VDDA ÷ 2
VDDA
V
V
N2
C Differential Reference Voltage 1
1 Full accuracy is not guaranteed when differential voltage is less than 3.0 V
VRH–VRL
3.0
3.3
3.6
V
N3
D ATD Clock Frequency
fATDCLK
0.5
—
2.0
MHz
N4
D ATD 10-bit Conversion PeriodClock Cycles 2
Conv, Time at 2.0MHz ATD Clock fATDCLK
2 Minimum time assumes final sample period of 2 ATD clocks; maximum time assumes final sample period of 16 ATD clocks.
NCONV10
TCONV10
14
7
—
—
28
14
Cycles
µs
N5
D ATD 8-bit Conversion PeriodClock Cycles 2
Conv, Time at 2.0MHz ATD Clock fATDCLK
NCONV8
TCONV8
12
6
—
—
26
13
Cycles
µs
N6
D Recovery Time (VDDA=5.0 V)
tREC
——
20
µs
N7
P Reference Supply current 1 ATD module enabled
IREF
——
0.375
mA
N8
P Reference Supply current 2 ATD modules enabled
IREF
——
0.250
mA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com