Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9210 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 21Page - National Semiconductor (TI) CS9210 Datasheet HTML 22Page - National Semiconductor (TI) CS9210 Datasheet HTML 23Page - National Semiconductor (TI) CS9210 Datasheet HTML 24Page - National Semiconductor (TI) CS9210 Datasheet HTML 25Page - National Semiconductor (TI) CS9210 Datasheet HTML 26Page - National Semiconductor (TI) CS9210 Datasheet HTML 27Page - National Semiconductor (TI) CS9210 Datasheet HTML 28Page - National Semiconductor (TI) CS9210 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Revision 3.2
25
www.national.com
Register Descriptions (Continued)
Table4-2. CS9210Registers
Bit
Description
Index 00h
Device ID Register (RO)
Reset Value = EAh
7:0
Device Identification Register: Uniquely identifies the CS9210 device.
Index 01h
Device Revision ID Register (RO)
Reset Value = CDh
7:0
Device Revision ID Register: Uniquely identifies the revision number of a CS9210 device. This value should be verified
with a National Semiconductor representative against the actual device marking at the time of purchase.
Index 02h
Control Register (R/W)
Reset Value = 00h
7
Reset: 0 = No action, 1 = Reset entire device
6
LCD Enable: This bit cannot be enabled until all timing registers and FRM/dither memories have been programmed. The
LCD panel will not display until this bit is enabled.
0 = Disable, ENA_VDDIN input ignored and all LCD registers can be written.
1 = Enable, external ENA_VDDIN input still required to enable panel.
WARNING: When this bit is enabled, all registers except Index 02h and 03h are read only and the FRM and dither mem-
ory addresses cannot be read or written. Writing to these registers or the FRM and dither memories while this bit is
enabled will have no effect. Reading from the FRM and dither memories while this bit is enabled will return unknown data.
5
Refresh Mode: 0= 1X, 1 = 2X.
4:3
RGB Memory Map Select: Controls R/W to R, G, and B FRM and dither memory locations:
00 = Read from R memory, write to RGB
01 = Read or write to R memory
10 = Read or write to G memory
11 = Read or write to B memory
2
FRM and Dithering Mode Select: 0 = Normal, 1 = Modified.
See Section 3.8.3.1 “Modified FRM and Dithering” on page 22.)
1
16/24-Bit DSTN Select: UD/LD[11:0] formatted for: 0 = 16-bit (640x480 and 800x600), 1 = 24-bit (1024x768).
For this bit to be applicable, bit 0 must = 0. Also see Section 3.1 “Mode Selection” on page 12.
0
Pass-through: UD/LD[11:0] are formatted for: 0 = DSTN, 1 = TFT Pass-through.
A setting of 1 overrides bit 1. See Section 3.1 “Mode Selection” on page 12.
Index 03h
FRM Memory Block Select Register (R/W)
Reset Value = 00h
7:2
Reserved: Must be set to 0.
1:0
FRM Memory Block Select: There are three FRM memories; one each for R, G, and B. Each memory is 2048x1-bit to
accommodate a 32-level by 64-deep frame look-up table. R, G, and B FRM maps can be programmed individually or at
the same time. Refer to Section 3.9 “Programming the FRM and Dither Memories”.
00 = Access bits [0:511]
01 = Access bits [512:1023]
11 = Access bits [1024-1535]
11 = Access bits [1536-2047]
Index 04h-05h
Screen Width Register (R/W)
Reset Value = 0020h
15:11
Reserved: Must be set to 0.
10:0
Screen Width: 11-bit value that specifies the display width in pixels. This register must be set to the exact value of the
screen pixel width. For example, if the screen pixel width is 800, this register is set to 0320h. This value is also used to
determine how many SHFCLK pulses are required per display line on the flat panel interface.
Index 06h-07h
Screen Height Register (R/W)
Reset Value = 0004h
15:10
Reserved: Must be set to 0.
9:0
Screen Height: 10-bit value that specifies the desired display height in scan lines minus 2. This register must be set to
the exact value of the screen pixel height minus 2. For example, if the screen pixel height is 600, this register is set to 598
(256h). This value is used to determine the update of the row address on the DRAM interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com