Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9210 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 19Page - National Semiconductor (TI) CS9210 Datasheet HTML 20Page - National Semiconductor (TI) CS9210 Datasheet HTML 21Page - National Semiconductor (TI) CS9210 Datasheet HTML 22Page - National Semiconductor (TI) CS9210 Datasheet HTML 23Page - National Semiconductor (TI) CS9210 Datasheet HTML 24Page - National Semiconductor (TI) CS9210 Datasheet HTML 25Page - National Semiconductor (TI) CS9210 Datasheet HTML 26Page - National Semiconductor (TI) CS9210 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Revision 3.2
23
www.national.com
Functional Description (Continued)
3.9.2
Addressing the Dithering Memories
As described in a previous section, the least significant
four bits of each color component intensity value are used
to select a 4x4 dithering pattern. In other words, there are
16 different 16-bit dithering patterns for each color compo-
nent (red, green, and blue). This requires one 256x1-bit
memory for each color component. The address to one of
these dithering pattern memories is then eight bits in
length.
The bit address for dithering memory is defined as the
concatenation of:
1)
the least significant two bits of the display screen
horizontal position pixel count
2)
the least significant two bits of the display screen
vertical position pixel count
3)
the least significant four bits of the input intensity
value
This concatenation is as shown below:
Eight bits are written at a time across the CS9210 serial
interface into the dither memory. The bit at bit address off-
set 0 (dither memory bit Address[2:0] = 0) is the first bit of
the byte sent across the serial interface. The first bit is the
one marked "Data[7]" in Figure 3-4, which describes the
serial interface write protocol.
The red, green, and blue dither memories can be pro-
grammed individually, or all at once. Writing to all three
dither memories at the same time means that the dither-
ing patterns are the same for each of the three color com-
ponents
At any given time, only one of the three dither memories,
red, green, or blue, is mapped into the serial interface
address range as shown in Table 4-4, Index 80h. The
Control Register selects which dither memory, red, green,
or blue, is selected for read and writing.
The 8-bit address presented on the serial interface is
formed by adding the base address of the dither memory
address space from Index 80h to dither memory bit
Address[7:3].
Dithering Memory Bit Address[7:0]
= {X-Count[1:0], Y-Count[1:0], Intensity[3:0]}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com