Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9210 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 9Page - National Semiconductor (TI) CS9210 Datasheet HTML 10Page - National Semiconductor (TI) CS9210 Datasheet HTML 11Page - National Semiconductor (TI) CS9210 Datasheet HTML 12Page - National Semiconductor (TI) CS9210 Datasheet HTML 13Page - National Semiconductor (TI) CS9210 Datasheet HTML 14Page - National Semiconductor (TI) CS9210 Datasheet HTML 15Page - National Semiconductor (TI) CS9210 Datasheet HTML 16Page - National Semiconductor (TI) CS9210 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Revision 3.2
13
www.national.com
Functional Description (Continued)
Figure 3-2. Connection Method Using Input Expansion Buffer
Table 3-1. Mode Selection Bits
Bit
Description
Index 02h
Control Register (R/W)
Reset Value = 00h
1
16/24-Bit DSTN Select: UD/LD[11:0] formatted for: 0 = 16-bit (640x480 and 800x600), 1 = 24-bit (1024x768).
For this bit to be applicable, bit 0 must = 0. Also see Section 3.1 “Mode Selection” on page 12.
0
Pass-through: UD/LD[11:0] are formatted for: 0 = DSTN, 1 = TFT Pass-through.
A setting of 1 overrides bit 1. See Section 3.1 “Mode Selection” on page 12.
IOR#
SD[15:0]
FP_ENA_VDD
FP_DISP_ENA_OUT
FP_CLK
FP_HSYNC
FP_VSYNC
FP_DATA[5:0]
FP_DATA[11:6]
FP_DATA[17:12]
SCLK
SDIN
SCS
SDO
ENA_LCDIN
ENA_VDDIN
ENA_DISP
DOTCLK
FP_HSYNC
FP_VSYNC
BLUE[5:0]
GREEN[5:0]
RED[5:0]
VCC3
Input Expansion Buffer
GPCS#
GPIOx
GPIOx
GPIOx
ISA Bus
Geode™
CS5530 I/O
Companion
Geode™
CS9210
Graphics
Companion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com