Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9210 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 17Page - National Semiconductor (TI) CS9210 Datasheet HTML 18Page - National Semiconductor (TI) CS9210 Datasheet HTML 19Page - National Semiconductor (TI) CS9210 Datasheet HTML 20Page - National Semiconductor (TI) CS9210 Datasheet HTML 21Page - National Semiconductor (TI) CS9210 Datasheet HTML 22Page - National Semiconductor (TI) CS9210 Datasheet HTML 23Page - National Semiconductor (TI) CS9210 Datasheet HTML 24Page - National Semiconductor (TI) CS9210 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Revision 3.2
21
www.national.com
Functional Description (Continued)
Figure 3-7 shows the suggested order in which 1’s should
be added to the dithering pattern as the least significant
four bits of the input intensity increase in value from 0 to
15.
Figure 3-7. 4-bit Dither Pattern Sequence
For the previous dithering pattern example where the
input intensity value was "010110", the value of the least
significant four bits is 6, which means that positions 1
through 6 in Figure 3-7 of the dithering pattern would be
setto 1,all other positionswould be setto0.Ifthe least
significant four bits have a value of 0, all sixteen positions
will be set to 0.
3.8.2.1
N-Bit Dithering Schemes
All discussions to this point have referred to a 4-bit dither-
ing scheme. A 4-bit dithering scheme is one in which the
least significant four bits of the input intensity value for
each pixel color component are truncated and these least
significant four bits are used to select a 4x4 dithering pat-
tern.
Other dithering schemes include 3-bit, 2-bit, and 1-bit dith-
ering. In the 3-bit dithering scheme, only the least signifi-
cant three bits of the input intensity value for each color
component are truncated. These three bits are then used
to select a 4x4 dithering pattern similar to the 4-bit
scheme. As the value of the least significant three bits
increases from 0 to 7, two 1’s are added to the pattern for
each increment of the 3-bit value.
The 2-bit dithering scheme selects a dithering pattern
based on the least significant two bits of the input intensity
value for each color component. As the value of these two
bits increases from 0 to 3, four 1’s are added to the pat-
tern for each increment of the 2-bit value.
The 1-bit dithering scheme uses the least significant bit of
the input intensity value to select one of two dithering pat-
terns. When the least significant bit is 0, the pattern is all
0’s. When the least significant bit is 1, the pattern is alter-
nating 0’s and 1’s.
Figure 3-8 shows the suggested order for adding 1’s to the
dithering patterns for the 3-, 2-, and 1-bit dithering
schemes.
Figure 3-8. N-Bit Dithering Pattern Schemes
00
01
10
11
00
01
10
11
X[1:0]
Y[1:0]
1
5
14
10
9
15
11
7
13
8
12
3
2
6
4
00
01
10
11
00
01
10
11
X[1:0]
Y[1:0]
1
3
7
5
56
4
7
4
6
2
1
3
2
3-Bit Scheme
00
01
10
11
00
01
10
11
X[1:0]
Y[1:0]
1
2
3
33
2
2
3
1
1
2
1
2-Bit Scheme
00
01
10
11
00
01
10
11
X[1:0]
Y[1:0]
1
11
1
1
1
1
1
1-Bit Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com