Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9210 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 12Page - National Semiconductor (TI) CS9210 Datasheet HTML 13Page - National Semiconductor (TI) CS9210 Datasheet HTML 14Page - National Semiconductor (TI) CS9210 Datasheet HTML 15Page - National Semiconductor (TI) CS9210 Datasheet HTML 16Page - National Semiconductor (TI) CS9210 Datasheet HTML 17Page - National Semiconductor (TI) CS9210 Datasheet HTML 18Page - National Semiconductor (TI) CS9210 Datasheet HTML 19Page - National Semiconductor (TI) CS9210 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
www.national.com
16
Revision 3.2
Functional Description (Continued)
3.5
MAXIMUM FREQUENCY
The CS9210 will operate at a DOTCLK frequency of up to
65 MHz. There is no minimum frequency for the CS9210
device; however, many flat panels have signal timings that
require minimum frequencies. Refer to the flat panel dis-
play specifications as appropriate.
3.6
RESET PROCEDURES
The SCLK and DOTCLK inputs do not need to be running
when RESET# is asserted low. The assertion of RESET#
or the issue of a soft reset through the serial interface will
force the CS9210 into an internal reset state. After
RESET# is deasserted or after a soft reset is issued, the
CS9210 requires four SCLK pulses followed by ten DOT-
CLK pulses to bring it out of the internal reset state.
3.7
SERIAL INTERFACE
The serial interface is used to read and write registers and
the FRM and dithering pattern memories inside the
CS9210. One byte at a time is transferred across the
serial interface. The serial interface protocol defines an 8-
bit address for up to 256 bytes of direct addressing. The
address mapping for this 256 byte address space is
defined in Table 4-1 on page 24.
As shown in Table 3-4, the Control Register, Index 02h,
which is accessed through this serial interface, contains a
bit called LCD Enable (bit 6). This bit is turned on only
after all timing registers and FRM/Dither memories have
been programmed. The LCD panel will not power on until
this bit is enabled.
When this bit is enabled, all other registers accessed
through the serial interface become read only and cannot
be written to, and the FRM and dither memory address
ranges cannot be accessed at all. Writing to other regis-
ters or the FRM and dither memory addresses while the
LCD enable bit is enabled has no effect. Reading from the
FRM and dither memory address spaces while the LCD
enable bit is enabled returns unknown data.
Table 3-4. LCD Enable Bit
Bit
Description
Index 02h
Control Register (R/W)
Reset Value = 00h
6
LCD Enable: This bit cannot be enabled until all timing registers and FRM/dither memories have been programmed. The
LCD panel will not display until this bit is enabled.
0 = Disable, ENA_VDDIN input ignored and all LCD registers can be written.
1 = Enable, external ENA_VDDIN input still required to enable panel.
WARNING: When this bit is enabled, all registers except Index 02h and 03h are read only and the FRM and dither mem-
ory addresses cannot be read or written. Writing to these registers or the FRM and dither memories while this bit is
enabled will have no effect. Reading from the FRM and dither memories while this bit is enabled will return unknown data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com