Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9210 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 29Page - National Semiconductor (TI) CS9210 Datasheet HTML 30Page - National Semiconductor (TI) CS9210 Datasheet HTML 31Page - National Semiconductor (TI) CS9210 Datasheet HTML 32Page - National Semiconductor (TI) CS9210 Datasheet HTML 33Page - National Semiconductor (TI) CS9210 Datasheet HTML 34Page - National Semiconductor (TI) CS9210 Datasheet HTML 35Page - National Semiconductor (TI) CS9210 Datasheet HTML 36Page - National Semiconductor (TI) CS9210 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Revision 3.2
33
www.national.com
Electrical Specifications (Continued)
5.4.1
Pixel Port Timing
Figure 5-2. Pixel Port Interface Signals
Table 5-5. Pixel Port Interface Timing
Symbol
Parameter
Min
Max
Unit
Comments
tD
DOTCLK period
15.4
ns
65 MHz max speed in 1X
display refresh mode
15.4
ns
65 MHz max speed in 2X
display refresh mode
tDHP
DOTCLK high pulse width
5
tD–5
ns
40-60% duty cycle at 65
MHz
tDIS
RED, GREEN, BLUE setup to rising DOTCLK
4.5
ns
tDIH
RED, GREEN, BLUE hold from rising DOTCLK
0
ns
DOTCLK
RED[5:0], GREEN[5:0],
tD
tDIS
tDIH
BLUE[5:0]
tDHP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com