Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8344 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 37Page - National Semiconductor (TI) DP8344 Datasheet HTML 38Page - National Semiconductor (TI) DP8344 Datasheet HTML 39Page - National Semiconductor (TI) DP8344 Datasheet HTML 40Page - National Semiconductor (TI) DP8344 Datasheet HTML 41Page - National Semiconductor (TI) DP8344 Datasheet HTML 42Page - National Semiconductor (TI) DP8344 Datasheet HTML 43Page - National Semiconductor (TI) DP8344 Datasheet HTML 44Page - National Semiconductor (TI) DP8344 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 184 page
background image
20 CPU Description (Continued)
The CPU will be stopped after RESET is asserted low The
CPU can be externally controlled by changing the state of
the start bit
STRT
in
RIC
The CPU starts executing
instructions from the current address in the program control
register when a one is written to STRT and stops when
STRT is cleared The CPU will complete the current in-
struction before stopping Controlling the CPU from RIC
requires a processor to access RIC
If no external proces-
sor is present the CPU can be made to start automatically
after reset by holding REM-WR and REM-RD low and RAE
high while RESET is transitioning from low to high The CPU
‘‘kick-starts’’ and will begin executing instructions from ad-
dress zero The timing for kick-starting the CPU is shown in
Figure 2-32 ICLK rises on the rising edge of CPU-CLK one
T-state after RESET is de-asserted The falling edge of
ICLK signifies the beginning of the first instruction fetch
Three instruction wait states and T2 precede the first in-
struction
A functional state diagram describing the timing of the CPU
is shown in
Figure 2-33 The functional state diagram is sim-
ilar to a flow chart except that transitions to a new state
(states are denoted as rectangular boxes) can only occur on
the rising edge of the CPU-CLK A state box can specify
several actions and each action is separated by a horizon-
tal line A signal name listed in a state box indicates that that
pin will be asserted high when Timing Control has entered
that state When the signal is omitted from a box it is as-
serted low (Note this requires using the inversion of a sig-
nal in some cases) Decision blocks are shown as diamonds
and their meaning is the same as in a flow chart The func-
tional state diagram is a generalized approach to determin-
ing instruction flow while allowing for any combination of
wait states and control signals Timing Control always starts
from a reset in the state IDLE After RESET goes high Tim-
ing Control remains in IDLE until STRT is written high If
the BCP kick-starts Timing Control enters TST on the next
rising edge of CPU-CLK Timing Control starts with a dummy
instruction cycle in order to fetch the first instruction ICLK
goes high in T1 and the instruction wait state counter is
loaded ICLK falls when either T2 or TW is entered as deter-
mined by the value of iIW and WAIT The normal instruction
flow begins after T2 at B on the diagram As an example
consider a three T-state data memory write instruction with
one data wait state The instruction cycle path for this in-
struction would begin at T1 following the decision block for
data memory access In T1 ICLK is asserted high the in-
struction wait state counter is loaded and a bus request to
RIAS is generated Also ALE is asserted high on the falling
edge of CPU-CLK during T1 A branch decision is now made
based on the state of LOCK and the response from RIAS to
the bus request Assuming that LOCK is not asserted and a
remote access is not in progress Timing Control enters TX
on the next rising edge of CPU-CLK In TX the data wait
state counter is loaded and the instruction wait state coun-
ter is decremented In this example the instruction wait
state counter is at zero and is not counting The data wait
state counter is loaded with one ALE goes low on the fall-
ing edge of CPU-CLK during TX The next decision block
checks for a read of data memory This example is a write to
data memory so the decision is no and the branch is to the
right The wait state conditions are evaluated in the follow-
ing decision block iDW is one and Timing Control enters TW
on the next rising edge of CPU-CLK WRITE is asserted low
when TW is entered and the data wait state counter is dec-
remented to zero The decision on iDW iIW and WAIT is
now true and T2 is entered on the next rising edge of CPU-
CLK WRITE remains low The CPU will stop execution if
STRT is low at B in the diagram Otherwise the next in-
struction will be executed beginning at A To summarize
this instruction went through the following states T1 TX
TW and T2 The complete instruction cycle is shown in
Fig-
ure 2-21 Any instruction cycle can be analyzed in a similar
manner using this functional state diagram
TLF9336 – F5
FIGURE 2-32 CPU Start-Up Timing
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com