Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8344 Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 71Page - National Semiconductor (TI) DP8344 Datasheet HTML 72Page - National Semiconductor (TI) DP8344 Datasheet HTML 73Page - National Semiconductor (TI) DP8344 Datasheet HTML 74Page - National Semiconductor (TI) DP8344 Datasheet HTML 75Page - National Semiconductor (TI) DP8344 Datasheet HTML 76Page - National Semiconductor (TI) DP8344 Datasheet HTML 77Page - National Semiconductor (TI) DP8344 Datasheet HTML 78Page - National Semiconductor (TI) DP8344 Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 184 page
background image
40 Remote Interface and Arbitration System (RIAS) (Continued)
Until a Remote Read is initiated (RAE REM-RD true) the
state machine (RASM) loops in state RSA1 If a Remote
Read is initiated and LOR is set high RASM will move to
state RSA2 Likewise if a Remote Read is initiated while the
buses have been granted locally (ie Local Bus Grant e 1)
RASM will move to state RSA2 The state machine will loop
in state RSA2 as long as LOR is set high or the buses are
granted locally If the BCP CPU needs to access Data Mem-
ory while in either RSA state (and LOCK is high) it can still
do so A local access is requested by the Timing Control
Unit asserting the Local Bus Request (LCL-BREQ) signal A
local bus grant will be given by RASM if the buses are not
being used (as is the case in RSA)
XACK is taken low as soon as RAE REM-RD is true re-
gardless of an ongoing local access If LOR is low RASM
will move into RSB on the next clock after RAE REM-RD is
asserted and there is no local bus request No further local
bus requests will be granted until RASM enters the Termina-
tion Phase If the BCP CPU initiates a Data Memory access
after RSA the Timing Control Unit will be waited and the
BCP CPU will remain in state TWr until the remote access
reaches the Termination Phase Half a T-state after entering
RSB the A bus (and AD bus if the access is to Data Memory)
goes into TRI-STATE
On the next clock RASM enters RSC and LCL is taken high
while XACK remains low The wait state counters iIW and
iDW are loaded in this state from IW1–0 and DW2–0
respectively in DCR
The A bus (and AD if the access is
to Data Memory) now remains TRI-STATE and the Access
Phase begins
The state machine can move into one of several states
depending on the state of CMD and MS1–0
on the next
clock XACK remains low and LCL remains high in all the
possible next states If CMD is high the access is to RIC
and the next state will be RSD1 Since the default state of
AD is RIC
it will not transition in this state The five other
next states all have CMD low and depend on the Memory
Select bits If MS1–0 is 10 or 11 the state machine will
enter either RSD2 or RSD3 and the low or high bytes of the
Program Counter respectively will be read
MS1–0
e
00 designates a Data Memory access and
moves RASM into RSD4 READ will be asserted low in this
state and A and AD continue to be tri-stated This allows the
Remote Processor to drive the Data Memory address for
the read Since DMEM is subject to wait states RSD4 is
looped upon until all the wait states have been inserted
The last possible Memory Selection is Instruction Memory
MS1–0 e 01 The two possible next states for the IMEM
access depend on if RASM is expecting the low byte or high
byte Instruction words are accessed low byte then high
byte and RASM powers up expecting the low Instruction
byte The internal flag that keeps track of the next expected
Instruction byte is called the High Instruction Byte flag (HIB)
If HIB is low the next state is RSD5 and the low instruction
byte is MUXed to the AD bus If HIB is high the high instruc-
tion byte is MUXed to AD and RSD6 is entered An IMEM
access like a DMEM access is subject to wait states and
these states will be looped on until all programmed instruc-
tion memory wait states have been inserted
Note
Resetting the BCP will reset HIB (ie
HIB e 0) Writing 01 to the
Memory Select bits in RIC (ie
MS1–0 e 01 pointing to IMEM)
will also force HIB to zero This way the instruction word boundary
can be reset without resetting the BCP
After all of the programmed wait states are inserted in the
RSD states more wait states may be added by asserting
WAIT low a half T-state before the end of the last pro-
grammed wait state If there are no programmed wait states
WAIT must be asserted low a half T-state before the end of
RSD to add wait states If WAIT remains low the remote
access is extended indefinitely All the RSD states move to
their corresponding RSE states on the CPU-CLK after the
programmed wait state conditions are met and WAIT is
high LCL remains high in all RSE states and A remains in
TRI-STATE (and AD if the access is to Data Memory)
XACK returns high in this state indicating that data is valid
so that it can be externally latched The action specific to
each RSD state remains in effect during the first half of the
RSE cycle (ie READ is asserted in the first half of RSE4)
This half T-state of hold time is provided to guarantee data
is latched when XACK goes high This state begins the Ter-
mination Phase
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com