Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8344 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 41Page - National Semiconductor (TI) DP8344 Datasheet HTML 42Page - National Semiconductor (TI) DP8344 Datasheet HTML 43Page - National Semiconductor (TI) DP8344 Datasheet HTML 44Page - National Semiconductor (TI) DP8344 Datasheet HTML 45Page - National Semiconductor (TI) DP8344 Datasheet HTML 46Page - National Semiconductor (TI) DP8344 Datasheet HTML 47Page - National Semiconductor (TI) DP8344 Datasheet HTML 48Page - National Semiconductor (TI) DP8344 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 184 page
background image
20 CPU Description (Continued)
A call to the interrupt address is generated when an inter-
rupt is detected by the CPU The address for each interrupt
is constructed by concatenating the Interrupt Base Register
IBR
contents with the individual interrupt code as shown
in Table 2-28 There is room between the interrupt address-
es for a maximum of four instruction words
TABLE 2-28 Interrupt Vector Generation
Interrupt
Code
NMI
111
RFF DA RA
001
TFE
010
LTA
011
BIRQ
100
TO
101
Interrupt Vector
IBR Contents
0
0
0
Code
0
0
15
8
5
2
0
Interrupts are sampled by each falling edge of the CPU
clock with the last falling edge prior to the start of the next
instruction determining whether an interrupt will be process-
ed The timing of a typical interrupt event is shown in
Figure
2-34 The interrupt occurs during the current instruction and
is sampled by the falling edge of the CPU clock The next
instruction is not operated on and its address is stored in the
internal address stack along with GIE
the ALU flags and
the register bank positions The address stack is twelve
words deep A two T-state internal call is now executed in
place of the non-executed instruction This call will cause a
branch to the interrupt address that is generated in the first
half of T-state T1 Also
GIE is cleared at the end of the
first half of T-state T1 The internal call to the interrupt ad-
dress is subject to instruction wait states as configured in
DCR
224 Oscillator
The crystal oscillator is an on-chip amplifier which may be
used with an external crystal to generate accurate CPU and
transceiver clocks The input to this amplifier is X1 pin 33
The output of the amplifier is X2 pin 34 When X1 and X2
are connected to a crystal and external capacitors
(Figure
2-35) the combined circuit forms a Pierce crystal oscillator
with the crystal operating at parallel resonance Crystals
that oscillate over the frequency range of 2 MHz to 20 MHz
may be used The recommended crystal parameters for op-
eration with the oscillator are given in Table 2-29 The exter-
nal capacitor values should be chosen to provide the manu-
facturer’s specified load capacitance for the crystal when
combined with the parasitic capacitance of the trace sock-
et and package As an example a crystal with a specified
load capacitance of 20 pF used in a circuit with 13 pF per
pin parasitic capacitance will require external capacitor val-
ues of 27 pF each This provides an equivalent capacitance
of 40 pF on each side of the crystal and has a 20 pF series
equivalent value across the crystal
As an alternative to the crystal oscillator an external clock
source may be used In this case the external clock source
should be connected to X1 and no external circuitry should
be connected to X2
(Figure 2-36) The DP8344 can supply a
clock source equal in frequency to the crystal oscillator or
external clock source to other circuitry via pin 35 the CLK-
OUT output This output is a buffered version of the signal at
X1
TABLE 2-29 Recommended Crystal Parameters
AT Cut Parallel Resonant
Fundamental Mode
Load Capacitor e 20 pF
Series Resistance k 20X
Frequency Tolerance 0005% at 25 C
Stability 001% 0 –70 C
Drive Level 05 mW Typical
TLF9336 – F7
FIGURE 2-34 Interrupt Timing
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com