Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8344 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP8344 Datasheet HTML 1Page - National Semiconductor (TI) DP8344 Datasheet HTML 2Page - National Semiconductor (TI) DP8344 Datasheet HTML 3Page - National Semiconductor (TI) DP8344 Datasheet HTML 4Page - National Semiconductor (TI) DP8344 Datasheet HTML 5Page - National Semiconductor (TI) DP8344 Datasheet HTML 6Page - National Semiconductor (TI) DP8344 Datasheet HTML 7Page - National Semiconductor (TI) DP8344 Datasheet HTML 8Page - National Semiconductor (TI) DP8344 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 184 page
background image
The DP8344B is an enhanced version of the DP8344A exhibiting improved switching performance and additional
functionality The device has been been characterized in a number of applications and found to be a compatible
replacement for the DP8344A Differences between the DP8344A and DP8344B are noted by shading of the text on the
pages of this data sheet For more information refer to Section 66
Note
In this document XXX denotes a control or status bit in a register
YYY denotes a register
Table of Contents
10 COMMUNICATIONS PROCESSOR OVERVIEW
11 Communications Protocols
12 Internal Architecture Overview
13 Timing Overview
14 Data Flow
15 Remote Interface Overview
20 CPU DESCRIPTION
21 CPU Architectural Description
211 Register Set
2111 Banked Registers
2112 Timing Control Registers
2113 Interrupt Control Registers
2114 Timer Registers
2115 Transceiver Registers
2116 Condition CodeRemote Handshaking
Register
2117 Index Registers
2118 Stack Registers
212 Timer
2121 Timer Operation
213 Instruction Set
2131 Harvard Architecture Implications
2132 Addressing Modes
2133 Instruction Set Overview
22 Functional Description
221 ALU
222 Timing
223 Interrupts
224 Oscillator
30 TRANSCEIVER
31 Transceiver Architectural Description
311 Protocols
3111 IBM 3270
3112 IBM 3299
3113 IBM 5250
3114 General Purpose 8-Bit
32 Transceiver Functional Description
321 Transmitter
322 Receiver
323 Transceiver Interrupts
324 Protocol Modes
325 Line Interface
3251 3270 Line Interface
3252 5250 Line Interface
40 REMOTE INTERFACE AND ARBITRATION SYSTEM
(RIAS)
41 RIAS Architectural Description
411 Remote Arbitration Phases
412 Access Types
413 Interface Modes
414 Execution Control
42 RIAS Functional Description
421 Buffered Read
422 Latched Read
423 Slow Buffered Write
424 Fast Buffered Write
425 Latched Write
426 Remote Rest Time
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com