Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8344 Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 76Page - National Semiconductor (TI) DP8344 Datasheet HTML 77Page - National Semiconductor (TI) DP8344 Datasheet HTML 78Page - National Semiconductor (TI) DP8344 Datasheet HTML 79Page - National Semiconductor (TI) DP8344 Datasheet HTML 80Page - National Semiconductor (TI) DP8344 Datasheet HTML 81Page - National Semiconductor (TI) DP8344 Datasheet HTML 82Page - National Semiconductor (TI) DP8344 Datasheet HTML 83Page - National Semiconductor (TI) DP8344 Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 184 page
background image
40 Remote Interface and Arbitration System (RIAS) (Continued)
the last action of the remote access before moving to RSA3
is to switch HIB and increment the PC if the high byte was
written In RSA3 LCL goes low while A and AD remain in
TRI-STATE for the first half of RSA3 If no new Remote
access is initiated the next clock brings the state machine
back to RSA1 where it will loop until a Remote Access is
initiated
In
Figure 4-19 the BCP is executing the first of two consec-
utive Slow Buffered Writes to Data Memory when REM-WR
goes low In response XACK goes low waiting the Remote
Processor At the end of the first instruction although the
BCP begins its second write by taking ALE high RASM now
Takes control of the bus and deasserts LCL high at the end
of T1 A one T-state delay is built into this transfer to ensure
that WRITE has been deasserted high before the data bus
is switched The Timing Control Unit is now waited inserting
remote access wait states TWr as RASM takes over
The remote address is permitted one T-state to settle on the
BCP address bus before WRITE goes low XACK then re-
turns high one T-state plus the programmed Data Memory
wait state TWd later having satisfied the memory access
time The Remote Processor will respond by deasserting
REM-WR high to which the BCP in turn responds by deas-
serting WRITE high Following WRITE being deasserted
high the BCP waits till the end of the next T-state before
asserting LCL low again ensuring that the write cycle has
concluded before the bus is switched Control is then re-
turned to the Timing Control Unit and the local memory write
continues
424 Fast Buffered Write
The timing for the Fast Buffered Write mode is very similar
to the timing of the Latched Read The major difference is
the additional half clock that AD is active in the Latched
Read mode that is not present in the Fast Buffered Write
mode The Fast Buffered Write cycle ends after the data is
written and the termination doesn’t wait for the trailing edge
of REM-WR Therefore the Arbitration and Access Phases
of the Fast Buffered Write mode are the same as for the
Latched Read mode
The complete flow chart for the Fast Buffered Write mode is
shown in
Figure 4-20 Until a Remote Write is initiated
(RAE REM-WR true) the state machine (RASM) loops in
state RSA1 If a Remote Write is initiated and LOR
is set high RASM will move to state RSA2 Likewise if a
Remote Write is initiated while the buses have been granted
locally (ie Local Bus Grant e 1) RASM will move to state
RSA2 The state machine will loop in state RSA2 as long as
LOR is set high or the buses are granted locally If the
BCP CPU needs to access Data Memory while in either RSA
state (and LOCK is high) it can still do so A local access is
requested by the Timing Control Unit asserting the Local
Bus Request (LCL-BREQ) signal A local bus grant will be
given by RASM if the buses are not being used (as is the
case in the RSA states)
XACK is taken low as soon as RAE REM-WR is true re-
gardless of an ongoing local access If LOR is low RASM
will move into RSB on the next clock after RAE REM-WR is
asserted and there is no local bus request No further local
bus requests will be granted until the BCP enters the Termi-
nation Phase If the BCP CPU initiates a Data Memory ac-
cess after RSA the Timing Control Unit will be waited and
the BCP CPU will remain in state TWr until the remote ac-
cess reaches the Termination Phase Half a T-state after
entering RSB the A and AD buses go into TRI-STATE
On the next CPU-CLK RASM enters RSC and LCL is taken
high while XACK remains low The wait state counters iIW
and iDW are loaded in this state from IW1–0 and DW2–
0
respectively in DCR
The A and AD buses remain in
TRI-STATE and the Access Phase begins If the Remote
Access is to IMEM and the high instruction byte flag is set
(ie HIB e 1) then IWR is asserted low in RSC
The state machine can move into one of several states de-
pending on the state of CMD and MS1–0 on the next
clock XACK and LCL in all the possible next states If CMD
is high the access is to
RIC
and the next state will be
RSD1 The path from AD to RIC opens in this state Any
remote access mode changes made by this write will not
take effect until one T-state after the completion of the pres-
ent write
The five other next states all have CMD low and depend on
the Memory Select bits If MS1–0 is 10 or 11 the state
machine will enter either RSD2 or RSD3 and the low or high
bytes of the Program Counter respectively will be written
MS1–0
e
00 designates a Data Memory access and
moves RASM into RSD4 WRITE will be asserted in this
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com