Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8344 Datasheet(PDF) 95 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 95 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 91Page - National Semiconductor (TI) DP8344 Datasheet HTML 92Page - National Semiconductor (TI) DP8344 Datasheet HTML 93Page - National Semiconductor (TI) DP8344 Datasheet HTML 94Page - National Semiconductor (TI) DP8344 Datasheet HTML 95Page - National Semiconductor (TI) DP8344 Datasheet HTML 96Page - National Semiconductor (TI) DP8344 Datasheet HTML 97Page - National Semiconductor (TI) DP8344 Datasheet HTML 98Page - National Semiconductor (TI) DP8344 Datasheet HTML 99Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 184 page
background image
50 Device Specifications (Continued)
Signal
InOut
Pin
Reset
Description
State
513 DATA MEMORY INTERFACE
(Continued)
TimingControl
ALE
Out
28
0
A
ddress Latch Enable Demultiplexes AD bus Address should be latched on the
falling edge
READ
Out
29
1
Data memory READ strobe Data is latched on the rising edge
WRITE
Out
30
1
Data memory WRITE strobe Data is presented on the rising edge
514 TRANSCEIVER INTERFACE
DATA-IN
In
39
X
Logic level serial DATA INput
a
ALG-IN
In
42
X
Non-inverting AnaLoGINput for biphase serial data
b
ALG-IN
In
41
X
Inverting AnaLoGINput for biphase serial data
DATA-OUT
Out
38
1
Biphase serial DATA OUTput (inverted)
DATA-DLY
Out
37
1
Biphase serial DATA output DeLaYed by one-quarter bit time
TX-ACT
Out
36
0
T
ransmitter ACTive Normally low goes high to indicate serial data is being
transmitted Used to enable external line drive circuitry
515 REMOTE INTERFACE
RAE
In
46
X
R
emote Access Enable A ‘‘chip-select’’ input to allow host access of BCP
functions and memory
CMD
In
45
X
C
oMmanD input When high remote accesses are directed to the Remote
Interface Configuration register RIC
When low remote accesses are directed
to data-memory instruction-memory or program counter as determined by
RIC
REM-RD
In
47
X
REM
ote ReaD When active along with RAE a remote read cycle is requested
serviced by the BCP when the data bus becomes available
REM-WR
In
48
X
REM
ote WRite When active along with RAE a remote write cycle is requested
serviced by the BCP when the data bus becomes available
XACK
Out
50
1
Transfer ACKnowledge Normally high goes low on REM-RD or REM-WR going
low (if RAE low) returning high when the transfer is complete Normally used as
a ‘‘wait’’ signal to a remote processor
WR-PEND
Out
49
1
WR
ite PENDing In a system configuration where remote write cycles are
latched indicates when the latches contain valid data which is yet to be serviced
by the BCP
LOCK
In
44
X
The remote processor uses this input to LOCK out local (BCP) accesses to data-
memory Once the remote processor has been granted the bus LOCK gives it
sole access to the bus and BCP accesses are ‘‘waited’’
LCL
Out
31
0
L
oCaL Normally low goes high when the BCP relinquishes the data and
address bus to service a Remote Access
516 EXTERNAL INTERRUPTS
BIRQ
InOut
53
In
B
i-directional Interrupt ReQuest As an input can be used as an active low
interrupt input (maskable and level-sensitive) As an output can be used to
generate remote system interrupts reset via RIC
NMI
In
52
X
N
on-Maskable Interrupt Negative edge sensitive interrupt input
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com