Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC2114RGHT Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 35 Page - Texas Instruments

Back Button FDC2114RGHT Datasheet HTML 31Page - Texas Instruments FDC2114RGHT Datasheet HTML 32Page - Texas Instruments FDC2114RGHT Datasheet HTML 33Page - Texas Instruments FDC2114RGHT Datasheet HTML 34Page - Texas Instruments FDC2114RGHT Datasheet HTML 35Page - Texas Instruments FDC2114RGHT Datasheet HTML 36Page - Texas Instruments FDC2114RGHT Datasheet HTML 37Page - Texas Instruments FDC2114RGHT Datasheet HTML 38Page - Texas Instruments FDC2114RGHT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
Table 39. Address 0x1B, MUX_CONFIG Field Descriptions (continued)
Bit
Field
Type
Reset
Description
14:13
RR_SEQUENCE
R/W
00
Auto-Scan Sequence Configuration Configure multiplexing
channel sequence. The FDC will perform a single conversion on
each channel in the sequence selected, and then restart the
sequence continuously.
b00: Ch0, Ch1
b01: Ch0, Ch1, Ch2 (FDC2114, FDC2214 only)
b10: Ch0, Ch1, Ch2, Ch3 (FDC2114, FDC2214 only)
b11: Ch0, Ch1
12:3
RESERVED
R/W
00 0100
Reserved. Must be set to 00 0100 0001
0001
2:0
DEGLITCH
R/W
111
Input deglitch filter bandwidth.
Select the lowest setting that exceeds the oscillation tank
oscillation frequency.
b001: 1MHz
b100: 3.3MHz
b101: 10MHz
b111: 33MHz
9.6.30 Address 0x1C, RESET_DEV
Figure 47. Address 0x1C, RESET_DEV
15
14
13
12
11
10
9
8
RESET_DEV
RESERVED
OUTPUT_GAIN
RESERVED
7
6
5
4
3
2
1
0
RESERVED
Table 40. Address 0x1C, RESET_DEV Field Descriptions
Bit
Field
Type
Reset
Description
15
RESET_DEV
R/W
0
Device Reset
Write b1 to reset the device. Will always readback 0.
14:11
RESERVED
R/W
0000
Reserved. Set to b0000
10:9
OUTPUT_GAIN
R/W
00
Output gain control (FDC2112, FDC2114 only)
00: Gain =1 (0 bits shift)
01: Gain = 4 (2 bits shift)
10: Gain = 8 (3 bits shift)
11: Gain = 16 (4 bits shift)
8:0
RESERVED
R/W
0 0000
Reserved, Set to b0 0000 0000
0000
9.6.31 Address 0x1E, DRIVE_CURRENT_CH0
Figure 48. Address 0x1E, DRIVE_CURRENT_CH0
15
14
13
12
11
10
9
8
CH0_IDRIVE
RESERVED
7
6
5
4
3
2
1
0
RESERVED
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com