Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC2114RGHT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 12 Page - Texas Instruments

Back Button FDC2114RGHT Datasheet HTML 8Page - Texas Instruments FDC2114RGHT Datasheet HTML 9Page - Texas Instruments FDC2114RGHT Datasheet HTML 10Page - Texas Instruments FDC2114RGHT Datasheet HTML 11Page - Texas Instruments FDC2114RGHT Datasheet HTML 12Page - Texas Instruments FDC2114RGHT Datasheet HTML 13Page - Texas Instruments FDC2114RGHT Datasheet HTML 14Page - Texas Instruments FDC2114RGHT Datasheet HTML 15Page - Texas Instruments FDC2114RGHT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
IN0A
IN0B
IN3A
IN3B
FDC2114 / FDC2214
VDD
GND
SCL
SDA
Int. Osc.
ADDR
INTB
SD
GND
MCU
VDD
3.3 V
3.3 V
GPIO
GPIO
0.1 F 1 F
Core
I
2C
I
2C
peripheral
3.3 V
L
Cap
Sensor 0
CLKIN
40 MHz
C
L
Cap
Sensor 3
C
Resonant
circuit driver
Resonant
circuit driver
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
Functional Block Diagrams (continued)
Figure 11. Block Diagrams for the FDC2114 and FDC2214
The FDC is composed of front-end resonant circuit drivers, followed by a multiplexer that sequences through the
active channels, connecting them to the core that measures and digitizes the sensor frequency (fSENSOR). The
core uses a reference frequency (fREF) to measure the sensor frequency. fREF is derived from either an internal
reference clock (oscillator), or an externally supplied clock. The digitized output for each channel is proportional
to the ratio of fSENSOR/fREF. The I2C interface is used to support device configuration and to transmit the digitized
frequency values to a host processor. The FDC can be placed in shutdown mode, saving current, using the SD
pin. The INTB pin may be configured to notify the host of changes in system status.
9.3 Feature Description
9.3.1 Clocking Architecture
Figure 12 shows the clock dividers and multiplexers of the FDC.
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com