Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC2114RGHT Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 46 Page - Texas Instruments

Back Button FDC2114RGHT Datasheet HTML 42Page - Texas Instruments FDC2114RGHT Datasheet HTML 43Page - Texas Instruments FDC2114RGHT Datasheet HTML 44Page - Texas Instruments FDC2114RGHT Datasheet HTML 45Page - Texas Instruments FDC2114RGHT Datasheet HTML 46Page - Texas Instruments FDC2114RGHT Datasheet HTML 47Page - Texas Instruments FDC2114RGHT Datasheet HTML 48Page - Texas Instruments FDC2114RGHT Datasheet HTML 49Page - Texas Instruments FDC2114RGHT Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
Greater current savings can be realized by use of shutdown mode during inactive periods. In shutdown mode,
device configuration is not retained, and so the device must be configured for each sample. For this example,
configuring each sample takes approximately 1.2 ms (13 registers * 92.5 µs per register). The total active time is
20.6 ms. The average current is 20 ms * 3.6 mA active current + 980 ms * 2 µA of shutdown current, which is
approximately 75 µA of average supply current.
10.3 Do's and Don'ts
•
Do leave a small gap between sensor plates in differential configurations. 2-3mm minimum separation is
recommended.
•
The FDC does not support hot-swapping of the sensors. Do not hot-swap sensors, for example by using
external multiplexers.
11 Power Supply Recommendations
The FDC requires a voltage supply within 2.7 V and 3.6 V. Multilayer ceramic bypass X7R capacitors of 0.1
μF
and 1
μF between the VDD and GND pins are recommended. If the supply is located more than a few inches
from the FDC, additional bulk capacitance may be required in addition to the ceramic bypass capacitors. An
electrolytic capacitor with a value of 10
μF is a typical choice.
The optimum placement is closest to the VDD and GND pins of the device. Care should be taken to minimize the
loop area formed by the bypass capacitor connection, the VDD pin, and the GND pin of the device. See
Figure 63 and Figure 63 for a layout example.
12 Layout
12.1 Layout Guidelines
•
Avoid long traces to connect the sensor to the FDC. Short traces reduce parasitic capacitances between
sensor inductor and offer higher system performance.
•
Systems that require matched channel response need to have matched trace length on all active channels.
12.2 Layout Example
Figure 63 to Figure 66 show the FDC2114 / FDC2214 evaluation module (EVM) layout.
46
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com