Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC2114RGHT Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 44 Page - Texas Instruments

Back Button FDC2114RGHT Datasheet HTML 40Page - Texas Instruments FDC2114RGHT Datasheet HTML 41Page - Texas Instruments FDC2114RGHT Datasheet HTML 42Page - Texas Instruments FDC2114RGHT Datasheet HTML 43Page - Texas Instruments FDC2114RGHT Datasheet HTML 44Page - Texas Instruments FDC2114RGHT Datasheet HTML 45Page - Texas Instruments FDC2114RGHT Datasheet HTML 46Page - Texas Instruments FDC2114RGHT Datasheet HTML 47Page - Texas Instruments FDC2114RGHT Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
0.0
25.0
50.0
75.0
100.0
125.0
150.0
175.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Frequency (MHz)
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
Figure 58. Example Coil Inductance vs. Frequency
The example inductor in Figure 58, has a SRF at 6.38 MHz; therefore the inductor should not be operated above
0.8×6.38 MHz, or 5.1 MHz.
44
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com