Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSD1796DBRG4 Datasheet(PDF) 19 Page - Texas Instruments

Part # DSD1796DBRG4
Description  24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1796DBRG4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DSD1796DBRG4 Datasheet HTML 15Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 16Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 17Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 18Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 19Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 20Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 21Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 22Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
DSD1796
SLES101A – DECEMBER 2003 – REVISED NOVEMBER 2006
www.ti.com
19
SERIAL CONTROL INTERFACE
The serial control interface is a 4-wire synchronous serial port, which operates asynchronously with the serial audio
interface and the system clock (SCK). The serial control interface is used to program and read the on-chip mode registers.
The control interface includes MDO (pin 13), MDI (pin 11), MC (pin 12), and MS (pin 10). MDO is the serial data output,
used to read back the values of the mode registers; MDI is the serial data input, used to program the mode registers; MC
is the serial bit clock, used to shift data in and out of the control port; and MS is the mode control enable, used to enable
the internal mode register access.
Register Read/Write Operation
All read/write operations for the serial control port use 16-bit data words. Figure 28 shows the control data word format.
The most significant bit is the read/write (R/W) bit. For write operations, the R/W bit must be set to 0. For read operations,
the R/W bit must be set to 1. There are seven bits, labeled IDX[6:0], that hold the register index (or address) for the read
and write operations. The least significant eight bits, D[7:0], contain the data to be written to, or the data that was read from,
the register specified by IDX[6:0].
Figure 29 shows the functional timing diagram for writing or reading the serial control port. MS is held at a logic 1 state until
a register needs to be written or read. To start the register write or read cycle, MS is set to logic 0. Sixteen clocks are then
provided on MC, corresponding to the 16 bits of the control data word on MDI and readback data on MDO. After the eighth
clock cycle has completed, the data from the indexed-mode control register appears on MDO during the read operation.
After the sixteenth clock cycle has completed, the data is latched into the indexed-mode control register during the write
operation. To write or read subsequent data, MS must be set to 1 once.
MSB
LSB
Register Index (or Address)
Register Data
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
D7
D6
D4
D5
D3
D2
D1
D0
Figure 28. Control Data Word Format for MDI
High Impedance
When Read Mode is Instructed
A0
D7
D6
D4
D5
D3
D2
D1
D0
D7
D6
D4
D5
D3
D2
D1
D0
R/W
A1
A2
A3
A4
A5
A6
MS
MC
MDI
MDO
NOTE: Bit 15 is used for selection of write or read. Setting R/W = 0 indicates a write, while R/W = 1 indicates a read. Bits 14–8 are used for the register
address. Bits 7–0 are used for register data.
Figure 29. Serial Control Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com