Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSD1796DBRG4 Datasheet(PDF) 38 Page - Texas Instruments

Part # DSD1796DBRG4
Description  24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1796DBRG4 Datasheet(HTML) 38 Page - Texas Instruments

Back Button DSD1796DBRG4 Datasheet HTML 34Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 35Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 36Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 37Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 38Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 39Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 40Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 41Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
DSD1796
SLES101A – DECEMBER 2003 – REVISED NOVEMBER 2006
www.ti.com
38
Requirements for Bit Clock and System Clock
In the DSD mode, the bit clock (DBCK) is required on pin 3 of the DSD1796. The frequency of the bit clock can be N times
the sampling frequency. Generally, N is 64 in DSD applications.
The interface timing between the bit clock and DSDL and DSDR is required to meet the same setup-and hold-time
specifications as shown in Figure 40.
SCK is not necessary after the mode change to the DSD mode is complete.
t = 1/(64
× 44.1 kHz)
D1
DSDL
DSDR
D0
D2
D3
D4
DBCK
Figure 39. Normal Data Output Form From DSD Decoder
DSDL
DSDR
t(BCH)
DBCK
t(BCL)
t(BCY)
1.4 V
1.4 V
t(DS)
t(DH)
PARAMETER
MIN
MAX
UNITS
t(BCY) DBCK pulse cycle time
85(1)
ns
t(BCH) DBCK high-level time
30
ns
t(BCL) DBCK low-level time
30
ns
t(DS)
DSDL, DSDR setup time
10
ns
t(DH)
DSDL, DSDR hold time
10
ns
(1) 2.8224 MHz × 4. (2.8224 MHz = 64 × 44.1 kHz. This value is specified as a sampling rate of DSD.)
Figure 40. Timing for DSD Audio Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com