Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSD1796DBRG4 Datasheet(PDF) 37 Page - Texas Instruments

Part # DSD1796DBRG4
Description  24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1796DBRG4 Datasheet(HTML) 37 Page - Texas Instruments

Back Button DSD1796DBRG4 Datasheet HTML 33Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 34Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 35Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 36Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 37Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 38Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 39Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 40Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
DSD1796
SLES101A – DECEMBER 2003 – REVISED NOVEMBER 2006
www.ti.com
37
APPLICATION FOR DSD FORMAT (DSD MODE) INTERFACE
Bit Clock
DSD Decoder
PDATA
5
6
7
PBCK
SCK
DSDL
1
2
3
4
DSDR
DBCK
PLRCK
DSD1796
DATA_L
DATA_R
System Clock (1)
(1) The system clock can be removed after setting the register to the DSD mode.
Figure 38. Connection Diagram in DSD Mode
Feature
This mode is used for interfacing directly to a DSD decoder, which is found in Super Audio CD
t (SACD) applications.
The DSD mode is accessed by programming the following bit in the corresponding control register.
DSD = 1 (register 20)
The DSD mode provides a low-pass filtering function. The filtering is provided using an analog FIR filter structure. Four FIR
responses are available, and are selected by the DMF[1:0] bits of control register 18.
The DSD bit must be set before inputting DSD data; otherwise, the DSD1796 erroneously detects the TDMCA mode, and
commands are not accepted through the serial control interface.
Pin Assignment When Using the DSD Format Interface
Pins for DSD mode operation are:
D DSDL (pin 1): L-channel DSD data input
D DSDR (pin 2): R-channel DSD data input
D DBCK (pin 3): Bit clock for DSD data
Super Audio CD is a trademark of Sony Kabushiki Kaisha TA Sony Corporation, Japan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com