Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83924 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DP83924 Datasheet HTML 1Page - National Semiconductor (TI) DP83924 Datasheet HTML 2Page - National Semiconductor (TI) DP83924 Datasheet HTML 3Page - National Semiconductor (TI) DP83924 Datasheet HTML 4Page - National Semiconductor (TI) DP83924 Datasheet HTML 5Page - National Semiconductor (TI) DP83924 Datasheet HTML 6Page - National Semiconductor (TI) DP83924 Datasheet HTML 7Page - National Semiconductor (TI) DP83924 Datasheet HTML 8Page - National Semiconductor (TI) DP83924 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
3
www.national.com
Table of Contents
1.0
Pin Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
1.1
Pin Connection Diagram . . . . . . . . . . . . . . . . . . . . 4
1.2
Pin Description . . . . . . . . . . . . . . . . . . . . . . . . . . .5
2.0
Interface Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . .9
2.1
Management Interface . . . . . . . . . . . . . . . . . . . . . .9
2.2
MAC Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . .9
2.3
LED Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . .10
2.4
Network Interface . . . . . . . . . . . . . . . . . . . . . . . . .10
3.0
Detailed Functional Description . . . . . . . . . . . . . . . . .14
3.1
Twisted Pair Functional Description . . . . . . . . . . 14
3.2
ENDEC Module . . . . . . . . . . . . . . . . . . . . . . . . . .15
3.3
Additional Features . . . . . . . . . . . . . . . . . . . . . . .15
3.4
Auto-negotiation Block . . . . . . . . . . . . . . . . . . . . .17
3.5
JTAG Boundary Scan . . . . . . . . . . . . . . . . . . . . .18
4.0
Register Descriptions . . . . . . . . . . . . . . . . . . . . . . . . .21
4.1
Register Map and Descriptions . . . . . . . . . . . . . .21
5.0
Application Information . . . . . . . . . . . . . . . . . . . . . . . .27
5.1
Magnetics Specifications . . . . . . . . . . . . . . . . . . .27
5.2
Layout Considerations . . . . . . . . . . . . . . . . . . . . .27
5.3
LED interface considerations . . . . . . . . . . . . . . . .28
6.0
User Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
6.1
CRS Assertion Connected to a 100M Node . . . . 29
6.2
Link Fail Inhibit Timer . . . . . . . . . . . . . . . . . . . . . .29
6.3
Lockup during duplex mode change: . . . . . . . . . . 29
6.4
Start of TP_IDL, 45 Bit Times to 50 mV: . . . . . . . 29
6.5
Polarity detection: . . . . . . . . . . . . . . . . . . . . . . . .29
6.6
Link pulse template: . . . . . . . . . . . . . . . . . . . . . . .30
7.0
AC and DC Electrical Specifications . . . . . . . . . . . . .31
7.1
DC Specifications . . . . . . . . . . . . . . . . . . . . . . . .31
7.2
AC Switching Specifications . . . . . . . . . . . . . . . .32
8.0
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . .42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com