Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83924 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP83924 Datasheet HTML 1Page - National Semiconductor (TI) DP83924 Datasheet HTML 2Page - National Semiconductor (TI) DP83924 Datasheet HTML 3Page - National Semiconductor (TI) DP83924 Datasheet HTML 4Page - National Semiconductor (TI) DP83924 Datasheet HTML 5Page - National Semiconductor (TI) DP83924 Datasheet HTML 6Page - National Semiconductor (TI) DP83924 Datasheet HTML 7Page - National Semiconductor (TI) DP83924 Datasheet HTML 8Page - National Semiconductor (TI) DP83924 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
1.0 Pin Information (Continued)
5
www.national.com
1.2 Pin Description
Table 1. NRZ CONTROLLER INTERFACE and MANAGEMENT INTERFACE.
These pins provide the interface signalling between the Media Access Controller and the transceiver. (30 Pins)
Symbol
Pin #
Type
Description
TXC
77
O
Transmit Clock: This pin outputs a 10 MHz output clock signal synchronized to the
transmit data (for all ports).
TXD[4]
TXD[3]
TXD[2]
TXD[1]
40
46
56
71
I
Transmit Data: The serial TXD contains the transmit serial data output stream.
TXE[4]
TXE[3]
TXE[2]
TXE[1]
41
47
57
72
I
Transmit Enable: This active high input indicates the presence of valid data on the TXD
pins.
CRS[4]
CRS[3]
CRS[2]
CRS[1]
43
52
59
74
O, pull-up
O, pull-up
O, pull-up
O, pull-up
Carrier Sense: Active high output indicates that valid data has been detected on the
receive inputs.
CRS[3:1] are dual purpose pins. When RESET is active, the value on these pins are
sampled to determine the transceiver address for the mgmt interface. These pins have
internal pull-ups, a 2.7 k
Ω pull down resistor is required to program a logic ‘0’.
COL[4]
COL[3]
COL[2]
COL[1]
44
54
60
75
O, pull-up
O, pull-up
O, pull-up
O, pull-up
Collision: This active high output is asserted when a collision condition has been de-
tected. It is also asserted for 1
µs at the end of a packet to indicate the SQE test function.
COL[4:1] are dual purpose pins. When RESET is active, these pins are sampled and
selects the operating mode for the device. These pins have internal pull-ups to select
the default mode if no external pull-downs are connected. To select the non-default
mode(s), a 2.7 k
Ω pull down resistor(s) is required. The strappable functions are:
COL[4]; selects the number of receive clocks after carrier sense deassertion (5 RXCs
or continuous RXCs). Default is 5 RXCs.
COL[3]; enables or disables the receive filter. Default is to disable the receive filter.
COL[2]; Disables Management Interface and selects the Full Duplex operating mode
(normal or enhanced). Default is normal full duplex mode. If the enhanced Full- Duplex
mode is selected, the functions of pins 89, 90, 92, 93, and 94 are also changed. See
the descriptions in Sectio n3.3.13 and Se ction3.3.14.
COL[1]; selects the LED operating mode (normal or enhanced). Default is normal LED
mode.
RXC[4]
RXC[3]
RXC[2]
RXC[1]
45
55
61
76
O
Receive Clock: This 10 MHz signal is generated by the transceiver, and is the recov-
ered clock from the decoded network data stream. This signal is 10 MHz.
The number of RXCs after the deassertion of CRS is programmable via the Global Con-
figuration Register, GATERXC bit, D0. The options are for 5 RXCs or continuous RXCs.
RXD[4]
RXD[3]
RXD[2]
RXD[1]
42
51
58
73
O, Pull-up Receive Data: Provides the decoded receive serial data. Data is valid on the risin
edge of RXC.
RXD[4:1] are dual purpose pins. When RESET is active, these pins are sampled and
selects the operating mode for the device. These pins have internal pull-ups to select
the default mode if no external pull-downs are connected. To select the non-default
mode(s), a 2.7 k
Ω pull down resistor(s) is required. The strappable functions are:
RXD[4] enables/disables Auto-Negotiation.
RXD[3:1] selects one of five MAC interface modes. See the table in the Interface De-
scriptions section.
MDC
LPBK
93
I
Management Data Clock: When management interface is enabled (strap option,
COL[2]=1), this clock signal (0-2.5MHz) is the clock for transferring data across the
management interface.
LoopBack: When “Disable Management Interface” mode is selected (strap option,
COL[2]=0), then this pin is an active high input to configure all ports into diagnostic loop-
back mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com