Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83924 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP83924 Datasheet HTML 1Page - National Semiconductor (TI) DP83924 Datasheet HTML 2Page - National Semiconductor (TI) DP83924 Datasheet HTML 3Page - National Semiconductor (TI) DP83924 Datasheet HTML 4Page - National Semiconductor (TI) DP83924 Datasheet HTML 5Page - National Semiconductor (TI) DP83924 Datasheet HTML 6Page - National Semiconductor (TI) DP83924 Datasheet HTML 7Page - National Semiconductor (TI) DP83924 Datasheet HTML 8Page - National Semiconductor (TI) DP83924 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
4
www.national.com
1.0 Pin Information
1.1 Pin Connection Diagram
Figure 1. 100-Pin Plastic Quad Flat Pack (PQFP) Pinout
VDD_DIG
LED_CLK
LED_DATA
LINK_3, INT
LPBK, MDC
LINK_4, MDIO
X1
GND_CLK
VDD_CLK
NC
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
TXE[3]
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
VDD_WS_1
RXC[4]
COL[4]
CRS[4]
RXD[4]
TXE[4]
TXD[4]
RESET
34
33
32
31
FDX[4]
FDX[3]
FDX[2]
DP83924B
GND_WS_1
TXD[3]
NC
NC
NC
GND_DIG
LINK_1
LINK_2
FDX[1]
ROC
RESERVED
NC
NC
NC
TDI
TMS
TRST
GND_2
Order Number DP83924BVCE
NS Package Number VCE100A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com