Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83924 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 4Page - National Semiconductor (TI) DP83924 Datasheet HTML 5Page - National Semiconductor (TI) DP83924 Datasheet HTML 6Page - National Semiconductor (TI) DP83924 Datasheet HTML 7Page - National Semiconductor (TI) DP83924 Datasheet HTML 8Page - National Semiconductor (TI) DP83924 Datasheet HTML 9Page - National Semiconductor (TI) DP83924 Datasheet HTML 10Page - National Semiconductor (TI) DP83924 Datasheet HTML 11Page - National Semiconductor (TI) DP83924 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
1.0 Pin Information (Continued)
8
www.national.com
Table 5. POWER AND GROUND Pins (33 Pins)
Symbol
Pins
Type
Description
NC
NC
NC
NC
NC
48
49
50
80
81
98
99
100
NA
No Connect;
VDD_TPI_4 VDD_TPI_3
VDD_TPI_2 VDD_TPI_1
27
21
15
9
P
Power for TPI Ports 1-4;
GND_TPI_4
GND_TPI_3
GND_TPI_2
GND_TPI_1
28
22
16
10
G
Ground for TPI Ports 1-4;
VDD_PLL_2
VDD_PLL_1
67
63
P
Power for PLL Circuitry;
(Digital PLL)
GND_PLL_4
GND_PLL_3
GND_PLL_2
GND_PLL_1
66
65
64
62
G
Ground for PLL Circuitry;
(Digital PLL)
VDD_WSPLL_1
68
P
Power for Wave Shaper and PLL Circuitry;
(Analog PLL)
GND_WSPLL_1
69
G
Ground for Wave Shaper and PLL Circuitry;
VDD_WS_1
31
P
Power for Wave Shaper Circuitry
GND_WS_1
32
G
Ground for Wave Shaper Circuitry
VDD_DIG
86
P
Power for Core Logic;
GND_DIG
85
G
Ground for Core Logic;
GND_CLK
96
G
Ground for Clock Circuitry;
VDD_CLK
97
P
Power for Clock Circuitry;
GND_2 GND_1
91
53
G
Ground for NRZ Circuitry;
VDD_1
70
P
Power for NRZ Circuitry;
Table 6. Pin Type Description
Pin Type
Description
I
Input Buffer
O
Output Buffer (driven at all times)
I/O
Bi-directional Buffer.
O, Z
Output Buffer with High Impedance Capability
OD
Open Drain-Like Output. Either driven Low or to a High Impedance State.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com