Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83924 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 5Page - National Semiconductor (TI) DP83924 Datasheet HTML 6Page - National Semiconductor (TI) DP83924 Datasheet HTML 7Page - National Semiconductor (TI) DP83924 Datasheet HTML 8Page - National Semiconductor (TI) DP83924 Datasheet HTML 9Page - National Semiconductor (TI) DP83924 Datasheet HTML 10Page - National Semiconductor (TI) DP83924 Datasheet HTML 11Page - National Semiconductor (TI) DP83924 Datasheet HTML 12Page - National Semiconductor (TI) DP83924 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9
www.national.com
2.0 Interface Descriptions
Interface Overview
The 4TPHY’s interfaces can be categorized into the follow-
ing groups of signals:
1. Management Interface - Allows host to read status and
set operating modes
2. Media Access Control Interface - Straight forward NRZ
interface to Ethernet MACs
3. LED Interface - Serial LED interface to off chip shift reg-
isters
4. Network Interfaces - Integrated 10BASE-T and AUI.
5. Clock - Allows connection of an external clock module.
2.1 Management Interface
This interface is a simple serial interface that is modeled
after the MII standard serial interface, though it does not
adhere to the MII standard completely (the protocol is fol-
lowed, but the register space is not). The interface signals
consist of a clock and data line for transfer of data to and
from the registers.
In a multiple 4TPHY system, it is necessary to distinguish
between the devices in order to access the correct regis-
ters for configuration and status information. This is accom-
plished by assigning each 4TPHY a unique transceiver
address. The lower 3 bits of the transceiver address,
T[2:0], is latched in during reset based on the logic state of
CRS[3:1]. The upper 2 bits of the transceiver address,
T[4:3], must be zero. Therefore, 32 ports can be supported
with a single MII bus.
The register address field indicates which register within
the 4TPHY that is to be accessed (read or write).
During a write operation, all 32 bits are driven onto MDIO
by the host, indicating which transceiver and register the
data is to be written.
During a read operation, the first 14 bits are driven onto
MDIO by the host, then the bus is released, allowing the
4TPHY to drive the requested data onto MDIO.
The serial lines do not require any preamble on these pins,
however if it is provided it is ignored so long as the 0110 or
0101 pattern is not present. If a continuous MDC is not
supplied, then at the end of each command (read or write),
2 additional MDCs are required in order to allow the inter-
nal state machine to transition back to it’s idle state. Refer
to Figur e2.
2.2 MAC Interface
This interface connects the ENDEC/Transceiver to an
Ethernet MAC controller. This interface consists of a serial
data transmit interface and a serial receive interface. The
interface clocks data out (on receive) or in (on transmit) on
the rising edge of the clock. Refer t o Figure3. Most stan-
dard 10Mb/s controllers use this interface but they may dif-
fer in the polarity of the signals or on what edge of
TXCs/RXCs that data is clocked in. In the default mode
(NSC/TI mode), all signals are active high with rising edge
sampling.
The 4TPHY utilizes a programmable MAC digital interface
which enables it to directly interface to standard controllers
from National Semiconductor, TI, AMD, Seeq, Fujitsu, and
Intel. The compatibility modes are selected either by soft-
ware via the Global Control/Status Register or by hardware
strap options on pins RXD[3:1].See Table 7 below.
Figure 2. Serial Management Interface Time Diagram (read/write)
00
1
1
A3
A4
T3
T4
0
Z
D0
D15
MDC
MDIO
Register Read
Register Write
Note 1: The management interface addressing includes a 5 bit field for the Transceiver Address, T[4:0], and a 5 bit field for the register
address, A[4:0]. The MII assumes the transceiver address applies to a si ngle port, but in this implementation a single address
refers to a single IC. The transceiver address is set by 3 external pins, CRS[3:1]. T[4:3] must be zero to address the transceiver.
Thus up to 32 10BASE-T ports can be addressed from a single interface (8 addr x 4 ports/addr).
T1
T2
T0
A1
A2
A0
1
2
3
4
5
6
7
8
9
1011
12
1314
15
1617
31
32
prefix
read
transceiver address
register address
turn
data
around
01
0
1
A3
A4
T3
T4
0
1
D0
D15
MDIO
T1
T2
T0
A1
A2
A0
prefix
write
transceiver address
register address
turn
data
around
33
34
Note 2: Two MDCs (clocks 33, 34) are required after each read or write in order to allow the internal state machine to transition back t o
it’s IDLE state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com