Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX2120 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IX2120
Description  1200V High and Low Side
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2120 Datasheet(HTML) 3 Page - IXYS Corporation

  IX2120 Datasheet HTML 1Page - IXYS Corporation IX2120 Datasheet HTML 2Page - IXYS Corporation IX2120 Datasheet HTML 3Page - IXYS Corporation IX2120 Datasheet HTML 4Page - IXYS Corporation IX2120 Datasheet HTML 5Page - IXYS Corporation IX2120 Datasheet HTML 6Page - IXYS Corporation IX2120 Datasheet HTML 7Page - IXYS Corporation IX2120 Datasheet HTML 8Page - IXYS Corporation IX2120 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IX2120
R02
www.ixysic.com
3
1
Specifications
Typical values are characteristic of the device at +25°C, and are the result of engineering evaluations. They are
provided for information purposes only, and are not part of the manufacturing testing requirements.
1.1 Package Pinout: 28-Pin SOIC Package
1.2 Pin Description: 28-Pin SOIC Package
V
S - 1
8
V
B - 2
3
6
7
HO - 4
5
28
9
27
V
SS - 14
HIN - 11
V
DD - 10
LIN - 13
SD - 12
15 - LO
16
17 - COM
18
19 - V
CC
20
21
22 - V
SM
23 - V
BM
24 - V
SM
25
26
Pin#
Name
Description
1
VS
High-Side Floating Supply Return
2
VB
High-Side Floating Supply
3-
No Connection
4HO
High-Side Gate Drive Output
5-
No Connection
6-
No Connection
7-
Internal Connection, Do Not Use
8-
No Connection
9-
Internal Connection, Do Not Use
10
VDD
Logic Supply
11
HIN
Logic Input for High-Side Gate Drive
Output (HO), In-Phase
12
SD
Logic Input for Shutdown
13
LIN
Logic Input for Low-Side Gate Driver
Output (LO), In-Phase
14
VSS
Logic Ground
15
LO
Low-Side Gate Drive Output
16
-
No Connection
17
COM
Low-Side Return
18
-
No Connection
19
VCC
Low-Side Supply
20
-
Internal Connection, Do Not Use
21
-
No Connection
22
VSM
Middle Floating Return
23
VBM
Middle Floating Supply
24
VSM
Middle Floating Return
25
-
No Connection
26
-
No Connection
27
-
No Connection
28
-
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com