Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX2120 Datasheet(PDF) 7 Page - IXYS Corporation

Part # IX2120
Description  1200V High and Low Side
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2120 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IX2120 Datasheet HTML 3Page - IXYS Corporation IX2120 Datasheet HTML 4Page - IXYS Corporation IX2120 Datasheet HTML 5Page - IXYS Corporation IX2120 Datasheet HTML 6Page - IXYS Corporation IX2120 Datasheet HTML 7Page - IXYS Corporation IX2120 Datasheet HTML 8Page - IXYS Corporation IX2120 Datasheet HTML 9Page - IXYS Corporation IX2120 Datasheet HTML 10Page - IXYS Corporation IX2120 Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IX2120
R02
www.ixysic.com
7
1.9 IX2120 Typical Application
The IX2120 is a 1200V half bridge gate driver for high
voltage IGBTs and MOSFETs. Three input signals
(HIN, LIN, and SD) determine the state of the gate
driver outputs (HO and LO). HIN controls HO via a
high voltage interface. The high voltage interface is
integrated into the bootstrap supply by using two 600V
diodes (DD1 and DD2).
A two-stage bootstrap supplies current to the high side
and mid level circuitry. The two bootstrap circuits are
identical, and careful board layout and positioning of
the bootstrap components are required. Resistors
RD1 and RD2 form a resistive divider to keep the mid
supply very near the center of the high voltage supply
range. High value resisters (5M
) are recommended
to minimize power dissipation. The two-stage
bootstrap supply reduces the high side gate drive
voltage (VB-VS) by two diode forward voltage drops
(2VF). Therefore, the VCC supply range for the
application circuit shown is:
Where VCE(sat)M2 is the saturation voltage of IGBT,
M2.
The high side bootstrap capacitor selection is a
function of the switching frequency and the on-time
(tONTIME) of the high side source driver. The quiescent
VBS current (IQBS) is supplied by bootstrap capacitor
CB2, and the quiescent VBMSM supply current
(IQBMSM) is supplied by bootstrap capacitor CB1. To
insure adequate supply current:
and:
V
DD
V
SS
VHV
COM
M1
1200V
M2
1200V
DR2
1200V
DR1
1200V
RB1
5
RB2
5
R12
4.7
R22
4.7
R11
47
R21
47
V
S
1
V
B
2
N/C
3
HO
4
N/C
5
N/C
6
N/C
7
N/C
8
N/C
9
V
DD
10
HIN
11
SD
12
LIN
13
V
SS
14
LO
15
N/C
16
COM
17
N/C
18
V
CC
19
N/C
20
N/C
21
V
SM
22
V
BM
23
V
SM
24
N/C
25
N/C
26
N/C
27
N/C
28
IX2120
DG2
25V
DG1
25V
DB1
DB2
DD2
600V
DD1
600V
600V
600V
C1
1
µF
V
CC
HIN
SD
LIN
25V
CB1
0.33
µF
25V
CB2
0.33
µF
25V
C3
1
µF
25V
RD2
5M
RD1
5M
20VV
CC
V
BSUV+
2V
F
V
CE sat
M2
++


CB1
I
QBS
t
ONTIME
V
CC
V
BSUV+
2VF
V
CE sat
M2
++

–
---------------------------------------------------------------------------------------------
CB2
I
QBMSM
t
ONTIME
V
CC
V
BSUV+
2VF
V
CE sat
M2
++

–
---------------------------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com