Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX2120 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IX2120
Description  1200V High and Low Side
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2120 Datasheet(HTML) 4 Page - IXYS Corporation

  IX2120 Datasheet HTML 1Page - IXYS Corporation IX2120 Datasheet HTML 2Page - IXYS Corporation IX2120 Datasheet HTML 3Page - IXYS Corporation IX2120 Datasheet HTML 4Page - IXYS Corporation IX2120 Datasheet HTML 5Page - IXYS Corporation IX2120 Datasheet HTML 6Page - IXYS Corporation IX2120 Datasheet HTML 7Page - IXYS Corporation IX2120 Datasheet HTML 8Page - IXYS Corporation IX2120 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
4
www.ixysic.com
R02
IX2120
1.3 Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM.
1.4 Thermal Characteristics
1.5 Recommended Operating Conditions
For proper operation, the device should be used within the recommended conditions. The VS, VSM, and VSS offset
ratings are tested with all supplies biased at a 15V differential.
Parameter
Symbol
Min
Max
Units
High-Side Floating Supply Voltage
VB
-0.3
1400
V
High-Side Floating Supply Offset Voltage
VS
VB-20
VB+0.3
V
High-Side Floating Output Voltage
VHO
VS-0.3
VB+0.3
V
Middle Floating Supply Voltage
VBM
-0.3
700
V
Middle Floating Supply Offset Voltage
VSM
VBM-20
VBM+0.3
V
Low-Side Fixed Supply Voltage
VCC
-0.3
20
V
Low-Side Output Voltage
VLO
-0.3
VCC+0.3
V
Logic Supply Voltage
VDD
-0.3
VSS+20
V
Logic Supply Offset Voltage
VSS
VCC-20
VCC+0.3
V
Logic Input Voltage (HIN, LIN, SD)
VIN
VSS-0.3
VDD+0.3
V
Allowable Offset Supply Voltage Transient
dVS/dt
-50
V/ns
Package Power Dissipation @25°C
PD
-1.3
W
Junction Temperature
TJ
-40
+150
°C
Storage Temperature
TS
-55
+150
°C
Parameter
Symbol
Rating
Units
Thermal Impedance, Junction to Ambient
JA
74
°C/W
Parameter
Symbol
Min
Max
Units
High-Side Floating Supply Absolute Voltage
VB
VS+15
VS+20
V
High-Side Floating Supply Offset Voltage
VS
-
1200
High-Side Floating Output Voltage
VHO
VS
VB
Middle Floating Supply Absolute Voltage
VBM
VSM+15
VSM+20
Middle Floating Supply Offset Voltage
VSM
-600
Low-Side Fixed Supply Voltage
VCC
15
20
Low-Side Output Voltage
VLO
0
VCC
Logic Supply Voltage
VDD
VSS+3
VSS+20
Logic Supply Offset Voltage
VSS
-5
+5
Logic Input Voltage (HIN, LIN, SD)
VIN
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com