Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX2120 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IX2120
Description  1200V High and Low Side
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2120 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IX2120 Datasheet HTML 2Page - IXYS Corporation IX2120 Datasheet HTML 3Page - IXYS Corporation IX2120 Datasheet HTML 4Page - IXYS Corporation IX2120 Datasheet HTML 5Page - IXYS Corporation IX2120 Datasheet HTML 6Page - IXYS Corporation IX2120 Datasheet HTML 7Page - IXYS Corporation IX2120 Datasheet HTML 8Page - IXYS Corporation IX2120 Datasheet HTML 9Page - IXYS Corporation IX2120 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
6
www.ixysic.com
R02
IX2120
1.8 Test Waveforms
1.8.1 Switching Time Test Circuit
1.8.2 Input/Output Timing Waveform
1.8.3 Switching Time Waveform Definition
1.8.4 Shutdown Waveform Definitions
1.8.5 Delay Matching Waveform Definitions
HIN
SD
LIN
V
CC=15V
10
µF 0.1µF
10
µF
0.1
µF
10
µF
C
L
C
L
HO
LO
(0 to 1000V/1200V)
V
B
V
S
13.5V
+
-
15
4
1
2
19
10
11
12
13
14
17
10
µF
0.1
µF
10
µF
(0 to 500V/600V)
V
BM
V
SM
13.5V
+
-
23
22
24
V
B
V
DD
V
CC
V
SS
COM
V
S
V
BM
V
SM
V
SM
HIN
LIN
SD
HO
LO
HIN
LIN
HO
LO
50%
50%
90%
90%
10%
10%
t
on
t
r
t
off
t
f
SD
HO
LO
50%
90%
t
sd
HIN
LIN
LO
HO
50%
50%
10%
90%
MT
LO
HO
MT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com