Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX2120 Datasheet(PDF) 9 Page - IXYS Corporation

Part # IX2120
Description  1200V High and Low Side
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2120 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IX2120 Datasheet HTML 5Page - IXYS Corporation IX2120 Datasheet HTML 6Page - IXYS Corporation IX2120 Datasheet HTML 7Page - IXYS Corporation IX2120 Datasheet HTML 8Page - IXYS Corporation IX2120 Datasheet HTML 9Page - IXYS Corporation IX2120 Datasheet HTML 10Page - IXYS Corporation IX2120 Datasheet HTML 11Page - IXYS Corporation IX2120 Datasheet HTML 12Page - IXYS Corporation IX2120 Datasheet HTML 13Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IX2120
R02
www.ixysic.com
9
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0
3
6
9
12
15
Logic "0" Input Threshold
vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0
3
6
9
12
15
Logic "1" Input Threshold
vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0
20
40
60
80
100
Logic "1" Input Current
vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Logic "0" Input Current
vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0
5
10
15
20
V
DD Supply Current vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0
100
200
300
400
500
V
BS Supply Current vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0
100
200
300
400
500
600
V
CC Supply Current vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0
50
100
150
200
250
300
350
400
450
500
550
V
BMSM Supply Current
vs. Temperature
V
CC Supply Voltage (V)
10
12
14
16
18
20
0
100
200
300
400
500
V
CC Supply Current vs. Voltage
V
DD Supply Voltage (V)
0
5
10
15
20
0.0
0.2
0.4
0.6
0.8
1.0
V
DD Supply Current vs. Voltage
V
BS Floating Supply Voltage (V)
10
12
14
16
18
20
0
100
200
300
400
500
V
BS Supply Current vs. Voltage
V
BMSM Supply Voltage (V)
10
12
14
16
18
20
0
100
200
300
400
500
600
V
BMSM Supply Current vs. Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com