Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX2120 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IX2120
Description  1200V High and Low Side
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2120 Datasheet(HTML) 1 Page - IXYS Corporation

  IX2120 Datasheet HTML 1Page - IXYS Corporation IX2120 Datasheet HTML 2Page - IXYS Corporation IX2120 Datasheet HTML 3Page - IXYS Corporation IX2120 Datasheet HTML 4Page - IXYS Corporation IX2120 Datasheet HTML 5Page - IXYS Corporation IX2120 Datasheet HTML 6Page - IXYS Corporation IX2120 Datasheet HTML 7Page - IXYS Corporation IX2120 Datasheet HTML 8Page - IXYS Corporation IX2120 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
DS-IX2120-R02
www.ixysic.com
1
Driver Characteristics
Features
Floating Channel for Bootstrap Operation to +1200V
Outputs Capable of Sourcing and Sinking 2A
Gate Drive Supply Range From 15V to 20V
Enhanced Robustness due to SOI Process
Tolerant to Negative Voltage Transients:
dV/dt Immune
3.3V Logic Compatible
Undervoltage Lockout for Both High-Side and
Low-Side Outputs
Description
The IX2120 is a high voltage integrated circuit that can
drive high speed MOSFETs and IGBTs that operate at
up to +1200V. The IX2120 is configured with
independent high-side and low-side referenced output
channels, both of which can source and sink 2A. The
floating high-side channel can drive an N-channel
power MOSFET or IGBT 1200V from the common
reference.
Manufactured on IXYS Integrated Circuits Division's
proprietary high-voltage BCDMOS on SOI (silicon on
insulator) process, the IX2120 is extremely robust, and
is virtually immune to negative transients. The UVLO
circuit prevents turn-on of the MOSFET or IGBT until
there is sufficient VBS or VCC supply voltage.
The IX2120 is available in a 28-pin SOIC package.
Ordering Information
IX2120 Functional Block Diagram
Parameter
Rating
Units
VOFFSET
1200
V
IO +/- (Source/Sink)
2/2
A
VOUT
15-20
V
ton/toff
250/210
ns
Part
Description
IX2120B
28-Pin SOIC (28/Tube)
IX2120BTR
28-Pin SOIC (1000/Reel)
Level
Shift
V
DD / VCC
V
SS / COM
LS Delay
Control
Level
Shift
V
DD / VCC
V
SS / COM
UVLO
High
Voltage
Level
Shift
UVLO
Pulse
Generator
C
R
S
Q
Buffer
V
DD
HIN
SD
LIN
V
SS
V
B
HO
V
S
V
CC
LO
COM
Input Control Logic
&
Cycle-by-Cycle
Edge-Triggered
Shutdown
Buffer
Mid
Voltage
Level
Shift
V
BM
V
SM
IX2120
1200V High and Low Side
Gate Driver


Similar Part No. - IX2120

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IX2127 CLARE-IX2127 Datasheet
1Mb / 11P
High-Voltage Power MOSFET & IGBT Driver
IX2127 CLARE-IX2127 Datasheet
1Mb / 12P
High-Voltage Power MOSFET & IGBT Driver
logo
IXYS Corporation
IX2127 IXYS-IX2127 Datasheet
291Kb / 13P
Power MOSFET & IGBT Driver
logo
Clare, Inc.
IX2127G CLARE-IX2127G Datasheet
1Mb / 11P
High-Voltage Power MOSFET & IGBT Driver
IX2127G CLARE-IX2127G Datasheet
1Mb / 12P
High-Voltage Power MOSFET & IGBT Driver
More results

Similar Description - IX2120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27200-Q1 TI1-UCC27200-Q1_16 Datasheet
1Mb / 34P
High-Frequency High-Side and Low-Side Driver
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Diodes Incorporated
DGD2005 DIODES-DGD2005 Datasheet
513Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2101M DIODES-DGD2101M Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
logo
Rohm
BD2320EFJ-LA ROHM-BD2320EFJ-LA Datasheet
1Mb / 21P
High Frequency High-Side and Low-Side Driver
29.Mar.2022 Rev.002
BM60212FV-C ROHM-BM60212FV-C Datasheet
2Mb / 26P
1200V High Voltage High and Low Side Driver
18.Jan.2018 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com