Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8430V Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8430V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8430V Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP8430V Datasheet HTML 4Page - National Semiconductor (TI) DP8430V Datasheet HTML 5Page - National Semiconductor (TI) DP8430V Datasheet HTML 6Page - National Semiconductor (TI) DP8430V Datasheet HTML 7Page - National Semiconductor (TI) DP8430V Datasheet HTML 8Page - National Semiconductor (TI) DP8430V Datasheet HTML 9Page - National Semiconductor (TI) DP8430V Datasheet HTML 10Page - National Semiconductor (TI) DP8430V Datasheet HTML 11Page - National Semiconductor (TI) DP8430V Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
30 Programming and Resetting
The DP8430V31V32V must be reset before it can be pro-
grammed After reset the DRAM controller is programmed
through the address bus by either one of two methods
Mode Load Only Programming or Chip Select Access Pro-
gramming After the first programming after a reset the chip
enters a 60 ms initialization period During this period the
controller performs refreshes every 13 msor15 ms this
makes further DRAM warm up cycles unnecessary After
this stage the DRAM controller can be programmed as
many times as the user wishes and the 60 ms initialization
period will not be entered into unless the chip is reset and
programmed again During the 60 ms initialization period
RFIP is asserted and RAS toggles every 13 msor15 ms
depending on the programming bit for refresh (C3) CAS will
be negated and the Q outputs will count from 0 to 2047
refreshing the entire DRAM array The initialization time pe-
riod is given by the following formula T e 4096
(Clock
Divisor Select)
(Refresh Clock Fine Tune)(DELCLK Frq)
31 RESET
The DP8430V31V32V have a RESET input pin which fa-
cilitates the reset procedure required for proper operation
Reset is accomplished by asserting the RESET input for at
least 16 positive edges of clock as shown in
Figure 5
The DRC may be programmed anytime on the fly but the
user must make sure that no access or refresh is in prog-
ress RESET is asynchronous
32 PROGRAMMING METHODS
321 Mode Load Only Programming
To use this method the user asserts ML enabling the inter-
nal programming register After ML is asserted a valid pro-
gramming selection is placed on the address bus B0 B1
and ECAS0 inputs then ML is negated When ML is negat-
ed the programming bits are latched into the internal pro-
gramming register and the DP8430V31V32V is pro-
grammed see
Figure 6 When programming the chip the
controller must not be refreshing RFIP must be high (1) to
have a successful programming
322 Chip Selected Access Programming
The chip can also be programmed by performing a chip
selected access To program the chip using this method
ML is asserted then CS is asserted and a valid program-
ming selection is placed on the address bus When AREQ is
asserted the programming bits affecting the wait logic be-
come effective immediately then DTACK is asserted allow-
ing the access to terminate After the access ML is negated
and the rest of the programming bits take effect
TLF11118 – 5
FIGURE 5 Reset
TLF11118 – 6
FIGURE 6 ML Only Programming
TLF11118 – 7
FIGURE 7 CS Access Programming
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com