| Electronic Components Datasheet Search |
|
DP8430V Datasheet(PDF) 16 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8430V Datasheet(HTML) 16 Page - National Semiconductor (TI) |
|
16 / 56 page ![]() 40 Port A Access Modes (Continued) 45 ADDITIONAL ACCESS SUPPORT FEATURES To support the different modes of accessing the DP8430V 31V32V offer other access features These additional fea- tures include Address Latches and Column Increment (for pageburst mode support) Address Pipelining and Delay CAS (to allow the user with a multiplexed bus to ensure valid data is present before CAS is asserted) 451 Address Latches and Column Increment The Address Latches can be programmed through pro- gramming bit B0 They can be programmed to either latch the address or remain in a fall-through mode If the address latches are used to latch the address the controller will function as follows In Mode 0 the rising edge of ALE places the latches in fall- through once ALE is negated the address present in the row column and bank input is latched In Mode 1 the address latches are in fall through mode until ADS is asserted ADS asserted latches the address Once the address is latched the column address can be incremented with the input COLINC COLINC can be used for sequential accesses of static column DRAMs COLINC can also be used with the ECAS inputs to support sequen- tial accesses to page mode DRAMs as shown in Figure 10 COLINC should only be asserted when the signal RFIP is negated during an access since this input functions as ex- tended refresh when RFIP is asserted COLINC must be negated (0) when the address is being latched (ADS falling edge in Mode 1) If COLINC is asserted with all of the bits of the column address asserted (ones) the column address will return to zero TLF11118 – 13 FIGURE 10 Column Increment The address latches function differently with the DP8432V The DP8432V will latch the address of the currently granted port If Port A is currently granted the address will be latched as described in Section 451 If Port A is not grant- ed and requests an access the address will be latched on the first or second positive edge of CLK after GRANTB has been negated depending on the programming bits R0 R1 For Port B if GRANTB is asserted the address will be latched with AREQB asserted If GRANTB is negated the address will latch on the first or second positive edge of CLK after GRANTB is asserted depending on the program- ming bits R0 R1 16 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |