Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8430V Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8430V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8430V Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button DP8430V Datasheet HTML 18Page - National Semiconductor (TI) DP8430V Datasheet HTML 19Page - National Semiconductor (TI) DP8430V Datasheet HTML 20Page - National Semiconductor (TI) DP8430V Datasheet HTML 21Page - National Semiconductor (TI) DP8430V Datasheet HTML 22Page - National Semiconductor (TI) DP8430V Datasheet HTML 23Page - National Semiconductor (TI) DP8430V Datasheet HTML 24Page - National Semiconductor (TI) DP8430V Datasheet HTML 25Page - National Semiconductor (TI) DP8430V Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
50 Refresh Options (Continued)
In Externally Controlled Refresh the user does not have to
wait for RFRQ to perform a refresh The user can at any
time assert the RFSH input Pulsing RFSH low sets an in-
ternal latch that is used to produce the internal refresh re-
quest The refresh cycle will take place on the next positive
edge of clock as shown in
Figure 15a If an access to the
DRAM is in progress or precharge time for the last access
has not been met the refresh will be delayed Since pulsing
RFSH low sets a latch the user doesn’t have to keep RFSH
low until the refresh starts When the last refresh RAS ne-
gates the internal refresh request latch is cleared
By keeping the input RFSH asserted past the positive edge
of CLK which ends the refresh cycle as shown in
Figure
15b the user will perform another refresh cycle Each re-
fresh cycle during a burst refresh will meet the refresh RAS
low time and the RAS precharge time (programming bits
R0 – 1) This scheme can be thought of as Externally Con-
trolled Burst Refresh If the user desires to burst refresh the
entire DRAM he could generate an end of count signal
(burst refresh finished) by looking at one of the DP8430V
31V32V high address outputs (Q7 Q8 Q9 or Q10) and the
RFIP output The Qn outputs function as a decode of how
many row addresses have been refreshed (Q7 e 128 re-
freshes Q8 e 256 refreshes Q9 e 512 refreshes and Q10
e
1024 refreshes)
TLF11118 – 23
FIGURE 15a Single Externally Refreshes (2 Periods of RAS Low during Refresh Programmed)
TLF11118 – 24
FIGURE 15b External Burst Refresh
(2 Periods of RAS Precharge 2 Periods of Refresh RAS Low during Refresh Programmed)
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com