Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM640 Datasheet(PDF) 155 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 155 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 151Page - Texas Instruments TMS320DM640 Datasheet HTML 152Page - Texas Instruments TMS320DM640 Datasheet HTML 153Page - Texas Instruments TMS320DM640 Datasheet HTML 154Page - Texas Instruments TMS320DM640 Datasheet HTML 155Page - Texas Instruments TMS320DM640 Datasheet HTML 156Page - Texas Instruments TMS320DM640 Datasheet HTML 157Page - Texas Instruments TMS320DM640 Datasheet HTML 158Page - Texas Instruments TMS320DM640 Datasheet HTML 159Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 171 page
background image
Ethernet Media Access Controller (EMAC)
155
June 2003 − Revised August 2004
SPRS222C
4.15
Ethernet Media Access Controller (EMAC)
The EMAC controls the flow of packet data from the DSP to the PHY.
4.15.1
EMAC Device-Specific Information
The ethernet media access controller (EMAC) provides an efficient interface between the DM641/DM640 DSP
core processor and the network. The DM641/DM640 EMAC support both 10Base-T and 100Base-TX, or 10
Mbits/second (Mbps) and 100 Mbps in either half- or full-duplex, with hardware flow control and quality of
service (QOS) support. The DM641/DM640 EMAC makes use of a custom interface to the DSP core that
allows efficient data transmission and reception.
The EMAC controls the flow of packet data from the DSP to the PHY. The MDIO module controls PHY
configuration and status monitoring.
Both the EMAC and the MDIO modules interface to the DSP through a custom interface that allows efficient
data transmission and reception. This custom interface is referred to as the EMAC control module, and is
considered integral to the EMAC/MDIO peripheral. The control module is also used to control device reset,
interrupts, and system priority.
The TMS320C6000 DSP Ethernet Media Access Controller (EMAC) / Management Data Input/Output (MDIO)
Module Reference Guide (literature number SPRU628) describes the DM641/DM640 EMAC peripheral in
detail. Some of the features documented in this peripheral reference guide are not supported on the
DM641/DM640 at this time. The DM641/DM640 supports one receive channel and does not support receive
quality of service (QOS). For a list of supported registers and register fields, see Table 4−63 [Ethernet MAC
(EMAC) Control Registers] and Table 4−64 [EMAC Statistics Registers] in this data manual.
4.15.2
EMAC Peripheral Register Description(s)
Table 4−63. Ethernet MAC (EMAC) Control Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01C8 0000
TXIDVER
Transmit Identification and Version Register
01C8 0004
TXCONTROL
Transmit Control Register
01C8 0008
TXTEARDOWN
Transmit Teardown Register
01C8 000C
−
Reserved
01C8 0010
RXIDVER
Receive Identification and Version Register
01C8 0014
RXCONTROL
Receive Control Register
01C8 0018
RXTEARDOWN
Receive Teardown Register
(RXTDNCH field only supports writes of 0.)
01C8 001C − 01C8 00FF
−
Reserved
01C8 0100
RXMBPENABLE
Receive Multicast/Broadcast/Promiscuous Channel Enable Register
(The RXQOSEN field is reserved and only supports writes of 0. The
PROMCH, BROADCH, and MUCTCH bit fields only support writes of 0.)
01C8 0104
RXUNICASTSET
Receive Unicast Set Register
(Bits 7−1 are reserved and only support writes of 0.)
01C8 0108
RXUNICASTCLEAR
Receive Unicast Clear Register
(Bits 7−1 are reserved and only support writes of 0.)
01C8 010C
RXMAXLEN
Receive Maximum Length Register
01C8 0110
RXBUFFEROFFSET
Receive Buffer Offset Register
01C8 0114
RXFILTERLOWTHRESH
Receive Filter Low Priority Packets Threshold Register
01C8 0118 − 01C8 011F
−
Reserved
01C8 0120
RX0FLOWTHRESH
Receive Channel 0 Flow Control Threshold Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com