Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM640 Datasheet(PDF) 158 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 158 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 154Page - Texas Instruments TMS320DM640 Datasheet HTML 155Page - Texas Instruments TMS320DM640 Datasheet HTML 156Page - Texas Instruments TMS320DM640 Datasheet HTML 157Page - Texas Instruments TMS320DM640 Datasheet HTML 158Page - Texas Instruments TMS320DM640 Datasheet HTML 159Page - Texas Instruments TMS320DM640 Datasheet HTML 160Page - Texas Instruments TMS320DM640 Datasheet HTML 161Page - Texas Instruments TMS320DM640 Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 171 page
background image
Ethernet Media Access Controller (EMAC)
158
June 2003 − Revised August 2004
SPRS222C
Table 4−64. EMAC Statistics Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01C8 0200
RXGOODFRAMES
Good Receive Frames Register
01C8 0204
RXBCASTFRAMES
Broadcast Receive Frames Register
01C8 0208
RXMCASTFRAMES
Multicast Receive Frames Register
01C8 020C
RXPAUSEFRAMES
Pause Receive Frames Register
01C8 0210
RXCRCERRORS
Receive CRC Errors Register
01C8 0214
RXALIGNCODEERRORS
Receive Alignment/Code Errors Register
01C8 0218
RXOVERSIZED
Receive Oversized Frames Register
01C8 021C
RXJABBER
Receive Jabber Frames Register
01C8 0220
RXUNDERSIZED
Receive Undersized Frames Register
01C8 0224
RXFRAGMENTS
Receive Frame Fragments Register
01C8 0228
RXFILTERED
Filtered Receive Frames Register
01C8 022C
RXQOSFILTERED
Reserved
01C8 0230
RXOCTETS
Receive Octet Frames Register
01C8 0234
TXGOODFRAMES
Good Transmit Frames Register
01C8 0238
TXBCASTFRAMES
Broadcast Transmit Frames Register
01C8 023C
TXMCASTFRAMES
Multicast Transmit Frames Register
01C8 0240
TXPAUSEFRAMES
Pause Transmit Frames Register
01C8 0244
TXDEFERRED
Deferred Transmit Frames Register
01C8 0248
TXCOLLISION
Collision Register
01C8 024C
TXSINGLECOLL
Single Collision Transmit Frames Register
01C8 0250
TXMULTICOLL
Multiple Collision Transmit Frames Register
01C8 0254
TXEXCESSIVECOLL
Excessive Collisions Register
01C8 0258
TXLATECOLL
Late Collisions Register
01C8 025C
TXUNDERRUN
Transmit Underrun Register
01C8 0260
TXCARRIERSLOSS
Transmit Carrier Sense Errors Register
01C8 0264
TXOCTETS
Transmit Octet Frames Register
01C8 0268
FRAME64
Transmit and Receive 64 Octet Frames Register
01C8 026C
FRAME65T127
Transmit and Receive 65 to 127 Octet Frames Register
01C8 0270
FRAME128T255
Transmit and Receive 128 to 255 Octet Frames Register
01C8 0274
FRAME256T511
Transmit and Receive 256 to 511 Octet Frames Register
01C8 0278
FRAME512T1023
Transmit and Receive 512 to 1023 Octet Frames Register
01C8 027C
FRAME1024TUP
Transmit and Receive 1024 or Above Octet Frames
Register
01C8 0280
NETOCTETS
Network Octet Frames Register
01C8 0284
RXSOFOVERRUNS
Receive Start of Frame Overruns Register
01C8 0288
RXMOFOVERRUNS
Receive Middle of Frame Overruns Register
01C8 028C
RXDMAOVERRUNS
Receive DMA Overruns Register
01C8 0290 − 01C8 05FF
−
Reserved
Table 4−65. EMAC Wrapper
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01C8 1000 − 01C8 1FFF
EMAC Control Module Descriptor Memory
01C8 2000 − 01C8 2FFF
−
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com