Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM640 Datasheet(PDF) 157 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 157 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 153Page - Texas Instruments TMS320DM640 Datasheet HTML 154Page - Texas Instruments TMS320DM640 Datasheet HTML 155Page - Texas Instruments TMS320DM640 Datasheet HTML 156Page - Texas Instruments TMS320DM640 Datasheet HTML 157Page - Texas Instruments TMS320DM640 Datasheet HTML 158Page - Texas Instruments TMS320DM640 Datasheet HTML 159Page - Texas Instruments TMS320DM640 Datasheet HTML 160Page - Texas Instruments TMS320DM640 Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 171 page
background image
Ethernet Media Access Controller (EMAC)
157
June 2003 − Revised August 2004
SPRS222C
Table 4−63. Ethernet MAC (EMAC) Control Registers (Continued)
HEX ADDRESS RANGE
REGISTER NAME
ACRONYM
01C8 01D4
MACADDRH
MAC Address High Bytes Register
01C8 01D8
MACHASH1
MAC Address Hash 1 Register
01C8 01DC
MACHASH2
MAC Address Hash 2 Register
01C8 01E0
BOFFTEST
Backoff Test Register
01C8 01E4
TPACETEST
Transmit Pacing Test Register
01C8 01E8
RXPAUSE
Receive Pause Timer Register
01C8 01EC
TXPAUSE
Transmit Pause Timer Register
01C8 01F0 − 01C8 01FF
−
Reserved
01C8 0200 − 01C8 05FF
(see Table 4−64)
EMAC Statistics Registers
01C8 0600
TX0HDP
Transmit Channel 0 DMA Head Descriptor Pointer Register
01C8 0604
TX1HDP
Transmit Channel 1 DMA Head Descriptor Pointer Register
01C8 0608
TX2HDP
Transmit Channel 2 DMA Head Descriptor Pointer Register
01C8 060C
TX3HDP
Transmit Channel 3 DMA Head Descriptor Pointer Register
01C8 0610
TX4HDP
Transmit Channel 4 DMA Head Descriptor Pointer Register
01C8 0614
TX5HDP
Transmit Channel 5 DMA Head Descriptor Pointer Register
01C8 0618
TX6HDP
Transmit Channel 6 DMA Head Descriptor Pointer Register
01C8 061C
TX7HDP
Transmit Channel 7 DMA Head Descriptor Pointer Register
01C8 0620
RX0HDP
Receive Channel 0 DMA Head Descriptor Pointer Register
01C8 0624
RX1HDP
01C8 0628
RX2HDP
01C8 062C
RX3HDP
01C8 0630
RX4HDP
Reserved. Do not write.
01C8 0634
RX5HDP
Reserved. Do not write.
01C8 0638
RX6HDP
01C8 063C
RX7HDP
01C8 0640
TX0INTACK
Transmit Channel 0 Interrupt Acknowledge Register
01C8 0644
TX1INTACK
Transmit Channel 1 Interrupt Acknowledge Register
01C8 0648
TX2INTACK
Transmit Channel 2 Interrupt Acknowledge Register
01C8 064C
TX3INTACK
Transmit Channel 3 Interrupt Acknowledge Register
01C8 0650
TX4INTACK
Transmit Channel 4 Interrupt Acknowledge Register
01C8 0654
TX5INTACK
Transmit Channel 5 Interrupt Acknowledge Register
01C8 0658
TX6INTACK
Transmit Channel 6 Interrupt Acknowledge Register
01C8 065C
TX7INTACK
Transmit Channel 7 Interrupt Acknowledge Register
01C8 0660
RX0INTACK
Receive Channel 0 Interrupt Acknowledge Register
01C8 0664
RX1INTACK
01C8 0668
RX2INTACK
01C8 066C
RX3INTACK
01C8 0670
RX4INTACK
Reserved. Do not write.
01C8 0674
RX5INTACK
Reserved. Do not write.
01C8 0678
RX6INTACK
01C8 067C
RX7INTACK
01C8 0680 − 01C8 0FFF
−
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com