Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM640 Datasheet(PDF) 160 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 160 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 156Page - Texas Instruments TMS320DM640 Datasheet HTML 157Page - Texas Instruments TMS320DM640 Datasheet HTML 158Page - Texas Instruments TMS320DM640 Datasheet HTML 159Page - Texas Instruments TMS320DM640 Datasheet HTML 160Page - Texas Instruments TMS320DM640 Datasheet HTML 161Page - Texas Instruments TMS320DM640 Datasheet HTML 162Page - Texas Instruments TMS320DM640 Datasheet HTML 163Page - Texas Instruments TMS320DM640 Datasheet HTML 164Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 171 page
background image
Ethernet Media Access Controller (EMAC)
160
June 2003 − Revised August 2004
SPRS222C
Table 4−69. Timing Requirements for EMAC MII Receive 10/100 Mbit/s† (see Figure 4−56)
NO.
−400
−500
−600
UNIT
MIN
MAX
1
tsu(MRXD-MRCLKH) Setup time, receive selected signals valid before MRCLK high
8
ns
2
th(MRCLKH-MRXD)
Hold time, receive selected signals valid after MRCLK high
8
ns
† Receive selected signals include: MRXD3−MRXD0, MRXDV, and MRXER.
MRXD3−MRXD0 is driven by the PHY on the falling edge of MRCLK. MRXD3−MRXD0 timing must be met
during clock periods when MRXDV is asserted. MRXDV is asserted and deasserted by the PHY on the falling
edge of MRCLK. MRXER is driven by the PHY on the falling edge of MRCLK (xx = 00−01).
MRCLK (Input)
1
2
MRXD3−MRXD0,
MRXDV, MRXER (Inputs)
Figure 4−56. EMAC Receive Interface Timing
Table 4−70. Switching Characteristics Over Recommended Operating Conditions for EMAC
MII Transmit 10/100 Mbit/s‡ (see Figure 4−57)
NO.
−400
−500
−600
UNIT
MIN
MAX
1
td(MTCLKH-MTXD) Delay time, MTCLK high to transmit selected signals valid
5
25
ns
‡ Transmit selected signals include: MTXD3−MTXD0, and MTXEN.
MTXD3−MTXD0 is driven by the reconciliation sublayer synchronous to the MTCLK. MTXEN is asserted and
deasserted by the reconciliation sublayer synchronous to the MTCLK rising edge.
1
MTCLK (Input)
MTXD3−MTXD0,
MTXEN (Outputs)
Figure 4−57. EMAC Transmit Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com