Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3108DCPR Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108DCPR
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108DCPR Datasheet(HTML) 51 Page - Texas Instruments

Back Button TAS3108DCPR Datasheet HTML 47Page - Texas Instruments TAS3108DCPR Datasheet HTML 48Page - Texas Instruments TAS3108DCPR Datasheet HTML 49Page - Texas Instruments TAS3108DCPR Datasheet HTML 50Page - Texas Instruments TAS3108DCPR Datasheet HTML 51Page - Texas Instruments TAS3108DCPR Datasheet HTML 52Page - Texas Instruments TAS3108DCPR Datasheet HTML 53Page - Texas Instruments TAS3108DCPR Datasheet HTML 54Page - Texas Instruments TAS3108DCPR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
www.ti.com
B0099-03
External
Microcontroller
V
I(SDA)
DVDD
I
P
I
P
V
I(SCL)
SDA
R
P
R
P
SCL
TAS3108/TAS3108IA
B0100-03
TAS3108/TAS3108IA
External
Microcontroller
V
I
DVDD
I
P
SDA
or
SCL
R
S
(2)
V
S
(1)
R
S
(2)
R
P
8.5.6 Reset Timing (TAS3108/TAS3108IA)
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
8.5.5.1 Recommended I2C Pullup Resistors
It is recommended that the I2C pullup resistors RP be 4.7 kΩ (see Figure 8-5). If a series resistor is in the
circuit (see Figure 8-6), then the series resistor RS should be less than or equal to 300 Ω.
Figure 8-5. I2C Pullup Circuit (With No Series Resistor)
(1)
VS = DVDD × RS/S = RP). When driven low, VS << VIL requirements.
(2)
RS ≤ 300 Ω
Figure 8-6. I2C Pullup Circuit (With Series Resistor)
control signal parameters over recommended operating conditions; these measurements are specified by design (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tw(RESET)
Pulse duration, RESET active
10(1)
ns
tr(run)
Time to enable I2C
PLL0 = PLL1 = MICROCLK_DIV = 0
10(1)
ms
(1)
This measurement is specified by design.
Submit Documentation Feedback
Electrical Specifications
51
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com