Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844MT/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844MT/NOPB
Description  LMV84x CMOS Input, RRIO, Low Power, Wide Supply Range, 4.5-MHz Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV844MT/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMV844MT/NOPB Datasheet HTML 12Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 13Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 14Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 15Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 16Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 17Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 18Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 19Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
ESD
R1
IN
+
ESD
D1 D2
R2
ESD
ESD
V
-
V
+
IN
-
+
-
V
+
V
-
VOUT
V
+
V
-
16
LMV841, LMV842, LMV844
LMV841-Q1, LMV842-Q1, LMV844-Q1
SNOSAT1H – OCTOBER 2006 – REVISED JULY 2016
www.ti.com
Product Folder Links: LMV841 LMV842 LMV844 LMV841-Q1 LMV842-Q1 LMV844-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 34. Protection Diodes Between the Input Pins
7.3.2 Input Stage
The input stage of this amplifier consists of both a PMOS and an NMOS input pair to achieve a rail-to-rail input
range. For input voltages close to the negative rail, only the PMOS pair is active. Close to the positive rail, only
the NMOS pair is active. In a transition region that extends from approximately 2 V below V+ to 1 V below V+,
both pairs are active, and one pair gradually takes over from the other. In this transition region, the input-referred
offset voltage changes from the offset voltage associated with the PMOS pair to that of the NMOS pair. The input
pairs are trimmed independently to ensure an input offset voltage of less then 0.5 mV at room temperature over
the complete rail-to-rail input range. This also significantly improves the CMRR of the amplifier in the transition
region.
NOTE
The CMRR and PSRR limits in the tables are large-signal numbers that express the
maximum variation of the input offset of the amplifier over the full common-mode voltage
and supply voltage range, respectively. When the common-mode input voltage of the
amplifier is within the transition region, the small signal CMRR and PSRR may be slightly
lower than the large signal limits.
7.4 Device Functional Modes
7.4.1 Driving Capacitive Load
The LMV84x can be connected as noninverting unity gain amplifiers. This configuration is the most sensitive to
capacitive loading. The combination of a capacitive load placed on the output of an amplifier along with the
output impedance of the amplifier creates a phase lag, which reduces the phase margin of the amplifier. If the
phase margin is significantly reduced, the response is under-damped, which causes peaking in the transfer.
When there is too much peaking, the op amp might start oscillating.
The LMV84x can directly drive capacitive loads up to 100 pF without any stability issues. To drive heavier
capacitive loads, an isolation resistor (RISO) must be used, as shown in Figure 35. By using this isolation resistor,
the capacitive load is isolated from the output of the amplifier, and hence, the pole caused by CL is no longer in
the feedback loop. The larger the value of RISO, the more stable the output voltage is. If values of RISO are
sufficiently large, the feedback loop is stable, independent of the value of CL. However, larger values of RISO
result in reduced output swing and reduced output current drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com