Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844MT/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844MT/NOPB
Description  LMV84x CMOS Input, RRIO, Low Power, Wide Supply Range, 4.5-MHz Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV844MT/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMV844MT/NOPB Datasheet HTML 1Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 2Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 3Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 4Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 5Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 6Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 7Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 8Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
LMV841, LMV842, LMV844
LMV841-Q1, LMV842-Q1, LMV844-Q1
www.ti.com
SNOSAT1H – OCTOBER 2006 – REVISED JULY 2016
Product Folder Links: LMV841 LMV842 LMV844 LMV841-Q1 LMV842-Q1 LMV844-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Electrical Characteristics – 3.3 V (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 3.3 V, V− = 0 V, V
CM = V
+/2, and R
L > 10 MΩ to V
+/2.(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
(6)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA) / θJA . All numbers apply for packages soldered directly onto a PCB.
(7)
Short circuit test is a momentary test.
(8)
Number specified is the slower of positive and negative slew rates.
AVOL
Large signal voltage gain
RL = 2 kΩ
VO = 0.3 V to 3 V
100
123
dB
at the temperature
extremes
96
RL = 10 kΩ
VO = 0.2 V to 3.1 V
100
131
dB
at the temperature
extremes
96
VO
Output swing high,
(measured from V+)
RL = 2 kΩ to V
+/2
52
80
mV
at the temperature
extremes
120
RL = 10 kΩ to V
+/2
28
50
mV
at the temperature
extremes
70
Output swing low,
(measured from V−)
RL = 2 kΩ to V
+/2
65
100
mV
at the temperature
extremes
120
RL = 10 kΩ to V
+/2
33
65
mV
at the temperature
extremes
75
IO
Output short-circuit current (6) (7)
Sourcing VO = V
+/2
VIN = 100 mV
20
32
mA
at the temperature
extremes
15
Sinking VO = V
+/2
VIN = −100 mV
20
27
mA
at the temperature
extremes
15
IS
Supply current
Per Channel
0.93
1.5
mA
at the temperature
extremes
2
SR
Slew rate (8)
AV = +1, VO = 2.3 VPP
10% to 90%
2.5
V/µs
GBW
Gain bandwidth product
4.5
MHz
Φm
Phase margin
67
Deg
en
Input-referred voltage noise
f = 1 kHz
20
nV/
ROUT
Open-loop output impedance
f = 3 MHz
70
Ω
THD+N
Total harmonic distortion + noise
f = 1 kHz , AV = 1
RL = 10 kΩ
0.005%
CIN
Input capacitance
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com